Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 96 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 96 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 92Page - Microchip Technology MPFS250T Datasheet HTML 93Page - Microchip Technology MPFS250T Datasheet HTML 94Page - Microchip Technology MPFS250T Datasheet HTML 95Page - Microchip Technology MPFS250T Datasheet HTML 96Page - Microchip Technology MPFS250T Datasheet HTML 97Page - Microchip Technology MPFS250T Datasheet HTML 98Page - Microchip Technology MPFS250T Datasheet HTML 99Page - Microchip Technology MPFS250T Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
Table 114 • FPGA Programming Cycles vs Retention Characteristics
Retention Years at TJ
Retention Years
Programming Cycles, Max
Programming TJ
85 °C
20
1000
0 °C to 85 °C
100 °C
20
500
0 °C to 100 °C
100 °C
20
500
–20 °C to 100 °C
100 °C
20
500
–40 °C to 100 °C
100 °C
16
1000
–40 °C to 85 °C
100 °C
12
2000
–40 °C to 55 °C
Note: Power supplied to the device must be valid during programming operations such as programming
and verify . Programming recovery mode is available only for in-application programming mode and requires
an external SPI flash.
6.7.2
FPGA Programming Time
The following tables describe FPGA programming time.
Table 115 • Master SPI Programming Time (IAP)
Unit
Max
Typ
Devices
Symbol
Parameter
s
25
17
MPF100T, TL, TS, T-
LS
TPROG
Programming time
s
25
17
MPF200T, TL, TS, T-
LS
s
32
26
MPF300T, TL, TS, T-
LS
s
37
31
MPF500T, TL, TS, T-
LS
Table 116 • Slave SPI Programming Time
Unit
Max
Typ
Devices
Symbol
Parameter
s
33
27
MPF100T, TL, TS, T-
LS
1
TPROG
Programming time
s
50
41
MPF200T, TL, TS, T-
LS
1
s
60
50
MPF300T, TL, TS, T-
LS
1
s
108
90
MPF500T, TL, TS, T-
LS
1
1. SmartFusion2 as SPI Master with MSS running at 100 MHz, MSS_SPI_0 port running at 6.67 MHz.
Bitstream stored in DDR. DirectC version 4.1.
92
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com