Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 87 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 87 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 83Page - Microchip Technology MPFS250T Datasheet HTML 84Page - Microchip Technology MPFS250T Datasheet HTML 85Page - Microchip Technology MPFS250T Datasheet HTML 86Page - Microchip Technology MPFS250T Datasheet HTML 87Page - Microchip Technology MPFS250T Datasheet HTML 88Page - Microchip Technology MPFS250T Datasheet HTML 89Page - Microchip Technology MPFS250T Datasheet HTML 90Page - Microchip Technology MPFS250T Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
11. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
12. THGSTATE is based on the condition where the CDR was in lock (to reference or data) for at least 5.2 μs
before moving to the high-gain state. At this point, if the receive data is outside the ppm tolerance of
the CDR, the CDR will unlock after the time specified by the parameter.
13. The following definitions apply:
a. TCDRREF is the transceiver CDR reference clock period in nanoseconds.
b. WXCVRFABRX is the parallel interface width of the transceiver receive fabric interface.
c. CDRFBDIV is the feedback divider of the transceiver.
d. CDRCDRREFDIV is the reference divider of the transceiver CDR.
14. For details on the Enhanced Receiver Management feature, refer to UG0677: PolarFire FPGA Transceiver
User Guide.
6.5.6
Transceiver and Receiver Return Loss Characteristics
This section describes transmitter and receiver return loss characteristics compliant with OIF-CEI-03.1.
Figure 4 • Differential Return Loss
Table 92 • Differential Return Loss
Unit
Value
Parameter
dB
–8
A0
MHz
100
f0
Hz
(3/4) * T_Baud
f1
Hz
T_Baud
f2
83
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com