Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 28 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 28 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 24Page - Microchip Technology MPFS250T Datasheet HTML 25Page - Microchip Technology MPFS250T Datasheet HTML 26Page - Microchip Technology MPFS250T Datasheet HTML 27Page - Microchip Technology MPFS250T Datasheet HTML 28Page - Microchip Technology MPFS250T Datasheet HTML 29Page - Microchip Technology MPFS250T Datasheet HTML 30Page - Microchip Technology MPFS250T Datasheet HTML 31Page - Microchip Technology MPFS250T Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Condition
Unit
Max (%)
Typ
Min (%)
VDDI = 1.2 V
Ω
20
40
–20
VDDI = 1.2 V
Ω
20
48
–20
VDDI = 1.2 V
Ω
20
60
–20
VDDI = 1.2 V
Ω
20
80
–20
VDDI = 1.2 V
Ω
20
120
–20
VDDI = 1.2 V
Ω
20
240
–20
Note: Measured at 80% of VDDI.
Table 22 • Single-Ended (Internal Parallel) Termination to VSS
Condition
Unit
Max (%)
Typ
Min (%)
VDDI = 1.8 V/1.5 V
Ω
20
120
–20
VDDI = 1.8 V/1.5 V
Ω
20
240
–20
VDDI = 1.2 V
Ω
20
120
–20
VDDI = 1.2 V
Ω
20
240
–20
Note: Measured at 50% of VDDI.
5.3.5
GPIO On-Die Termination
The following table lists the on-die termination calibration accuracy specifications for the GPIO bank.
Table 23 • On-Die Termination Calibration Accuracy Specifications for GPIO Bank
Condition
Unit
Max (%)
Typ
Min (%)
Description
Parameter
VICM < 0.8 V
6
Ω
20
100
–20
Internal differen-
tial termination
Differential ter-
mination
1
0.6 V < VICM < 1.
65 V
6
Ω
40
100
–20
1.4 V < VICM
6
Ω
80
100
–20
VDDI = 1.8 V/1.5
V
Ω
20
50
–40
Internal parallel
thevenin termi-
nation
Single-ended
thevenin termi-
nation
2, 3
VDDI = 1.8 V
Ω
20
75
–40
VDDI = 1.8 V
Ω
20
150
–40
VDDI = 1.5 V
Ω
20
20
–20
VDDI = 1.5 V
Ω
20
30
–20
VDDI = 1.5 V
Ω
20
40
–20
24
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com