Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 69 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 69 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 65Page - Microchip Technology MPFS250T Datasheet HTML 66Page - Microchip Technology MPFS250T Datasheet HTML 67Page - Microchip Technology MPFS250T Datasheet HTML 68Page - Microchip Technology MPFS250T Datasheet HTML 69Page - Microchip Technology MPFS250T Datasheet HTML 70Page - Microchip Technology MPFS250T Datasheet HTML 71Page - Microchip Technology MPFS250T Datasheet HTML 72Page - Microchip Technology MPFS250T Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
Unit
Max
Typ
Min
Symbol
Parameter
1
ps
35
30
12.7
TDEL
Delay step size
ns
4.8
1.8
TDELMAX
Maximum delay
block delay
4
%
60
40
TDUTY
Output clock duty
cycle (with 50% du-
ty cycle input)
5
%
55
45
TDUTY50
Output clock duty
cycle (with 50% du-
ty cycle input)
6
1. For all DLL modes.
2. Secondary output clock divided by four option.
3. On load, direction, move, hold, and update input signals.
4. 128 delay taps in one delay block.
5. Without duty cycle correction enabled.
6. With duty cycle correction enabled.
6.3.4
RC Oscillators
The following tables describe internal RC clock resources for user designs. They also describe system design
with RF front-end information about emitters generated on-chip to support programming operations.
Table 76 • 2 MHz RC Oscillator Electrical Characteristics
Unit
Max
Typ
Min
Symbol
Parameter
MHz
2
RC2FREQ
Operating frequen-
cy
%
4
–4
RC2FACC
Accuracy
%
54
46
RC2DC
Duty cycle
ns
10
5
RC2PJIT
Peak-to-peak out-
put period jitter
ns
10
5
RC2CJIT
Peak-to-peak out-
put cycle-to-cycle
jitter
µA
60
RC2IVPPA
Operating current
(VDD25)
µA
2.6
RC2IVDD
Operating current
(VDD)
65
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com