Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 41 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 41 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 37Page - Microchip Technology MPFS250T Datasheet HTML 38Page - Microchip Technology MPFS250T Datasheet HTML 39Page - Microchip Technology MPFS250T Datasheet HTML 40Page - Microchip Technology MPFS250T Datasheet HTML 41Page - Microchip Technology MPFS250T Datasheet HTML 42Page - Microchip Technology MPFS250T Datasheet HTML 43Page - Microchip Technology MPFS250T Datasheet HTML 44Page - Microchip Technology MPFS250T Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Table 50 • Feedback Clock Enabled or Disabled
Units
Max
Min
Load
Conditions
Symbol
Parameter
MHz
150
All
1, 2
FQSPI_REF_CLK
Quad-SPI reference
clock frequency
6.1.11
SPI
The following tables describes the SPI master and slave mode switching characteristics. The test conditions
are configured to the LVCMOS 3.3 V I/O standard with a 12 mA drive strength, fast slew rate, and a 30 pF
load.
Table 51 • SPI Master Mode Switching Characteristics
Units
Max
Min
Symbol
Parameter
%
55
45
TDCMSPICLK
SPI master mode clock
duty cycle
FSPI_REF_CLK cycles
1.0
TMSPISSCLK
Slave select asserted to
first active clock edge
FSPI_REF_CLK cycles
1.0
TMSPICLKSS
Last active clock edge to
slave select deasserted
ns
–2.0
TMSPIDCK
Input setup time for MI-
SO
ns
0.3
TMSPICKD
Input hold time for MIS-
O
ns
5.0
–2.0
TMSPICKO
MOSI and slave select
clock to out delay
MHz
50
FMSPICLK
SPI master mode device
clock frequency
MHz
150
FSPI_REF_CLK
SPI reference clock fre-
quency
Table 52 • SPI Slave Mode Switching Characteristics
Units
Max
Min
Symbol
Parameter
FSPI_REF_CLK cycles
2.0
TSSPISSCLK
Slave select asserted to
first active clock edge
FSPI_REF_CLK cycles
2.0
TSSPICLKSS
Last active clock edge to
slave select deasserted
ns
5.0
TSSPIDCK
Input setup time for M-
OSI
ns
1.0
TSSPICKD
Input hold time for MO-
SI
ns
13.0
0.0
TSSPIOCK
MISO clock to out delay
37
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com