Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 90 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 90 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 86Page - Microchip Technology MPFS250T Datasheet HTML 87Page - Microchip Technology MPFS250T Datasheet HTML 88Page - Microchip Technology MPFS250T Datasheet HTML 89Page - Microchip Technology MPFS250T Datasheet HTML 90Page - Microchip Technology MPFS250T Datasheet HTML 91Page - Microchip Technology MPFS250T Datasheet HTML 92Page - Microchip Technology MPFS250T Datasheet HTML 93Page - Microchip Technology MPFS250T Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
Unit
Max
Min
Data Rate
Parameter
UI
0.035
10.3125 Gbps
Receiver jitter tolerance
(DCD)
The following table describes 10GbE (XAUI).
Table 99 • 10GbE (XAUI)
Unit
Max
Min
Data Rate
Parameter
UI
0.35
3.125 Gbps
Total transmit jitter
(near end)
UI
0.55
Total transmit jitter (far
end)
UI
0.65
3.125 Gbps
Receiver jitter tolerance
The following table describes 10GbE (RXAUI).
Table 100 • 10GbE (RXAUI)
Unit
Max
Min
Data Rate
Parameter
UI
0.35
6.25 Gbps
Total transmit jitter
(near-end)
UI
0.55
6.25 Gbps
Total transmit jitter (far-
end)
UI
0.65
6.25 Gbps
Receiver jitter tolerance
6.6.4
1GbE (1000BASE-X)
The following table describes 1GbE (1000BASE-X).
Table 101 • 1GbE (1000BASE-X)
Unit
Max
Min
Data Rate
Parameter
UI
0.24
1.25 Gbps
Total transmit jitter
UI
0.749
1.25 Gbps
Receiver jitter tolerance
6.6.5
SGMII and QSGMII
The following table describes SGMII.
Table 102 • SGMII
Unit
Max
Min
Data Rate
Parameter
UI
0.24
1.25 Gbps
Total transmit jitter
UI
0.749
1.25 Gbps
Receiver jitter tolerance
The following table describes QSGMII.
86
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com