Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 43 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 43 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 39Page - Microchip Technology MPFS250T Datasheet HTML 40Page - Microchip Technology MPFS250T Datasheet HTML 41Page - Microchip Technology MPFS250T Datasheet HTML 42Page - Microchip Technology MPFS250T Datasheet HTML 43Page - Microchip Technology MPFS250T Datasheet HTML 44Page - Microchip Technology MPFS250T Datasheet HTML 45Page - Microchip Technology MPFS250T Datasheet HTML 46Page - Microchip Technology MPFS250T Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
Conditions
Units
Max
Typ
Min
Symbol
Parameter
VIN = 0, f = 1.0 M-
Hz
pF
10
Ci
Input capaci-
tance
pF
Cb
Capacitive load
for each bus line
PCLK
1
TI2CL
Low period of S-
CL clock
cycles
PCLK
1
TI2CH
High period of
SCL clock
cycles
PCLK
1
Tsu(start)
Setup time for a
repeated START
condition
cycles
PCLK
1
Th(start)
Hold time for a
repeated START
cycles
condition (after
this period, the
first clock pulse
is generated)
PCLK
1
Tsu(data)
Data setup time
cycles
PCLK
1
Th(data)
Data input hold
time
cycles
PCLK
1
Tod(data)
Data output de-
lay time
cycles
PCLK
1
Tsu(stop)
Setup time for
STOP condition
cycles
PCLK
1
Tbuf
Bus free time
between a STOP
cycles
and START condi-
tion
6.1.13
Watchdog Timer
The following table describes the watchdog timer (WDT).
Table 54 • Watchdog timer
Units
Max
Min
Symbol
Parameter
MHz
250
FWDTCLK
Watchdog timer input
clock frequency
6.1.14
Timers
The following table describes the timers.
39
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com