Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 9 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 5Page - Microchip Technology MPFS250T Datasheet HTML 6Page - Microchip Technology MPFS250T Datasheet HTML 7Page - Microchip Technology MPFS250T Datasheet HTML 8Page - Microchip Technology MPFS250T Datasheet HTML 9Page - Microchip Technology MPFS250T Datasheet HTML 10Page - Microchip Technology MPFS250T Datasheet HTML 11Page - Microchip Technology MPFS250T Datasheet HTML 12Page - Microchip Technology MPFS250T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
5
DC Characteristics
This section lists the DC characteristics of the PolarFire SoC device.
5.1
Absolute Maximum Rating
The following table lists the absolute maximum ratings for PolarFire SoC devices.
Table 4 • Absolute Maximum Rating
Unit
Max
Min
Symbol
Parameter
V
1.13
–0.5
VDD
Device core power sup-
ply
V
1.13
–0.5
VDDA
Transceiver Tx and Rx
lanes supply
V
2.0
–0.5
VDD18
Programming and HSIO
receiver supply
V
2.7
–0.5
VDD25
Device core and device
PLL high-voltage supply
V
2.7
–0.5
VDDA25
Transceiver PLL high-
voltage supply
V
3.6
–0.5
VDD_XCVR_CLK
Transceiver reference
clock supply
V
3.6
–0.5
XCVRVREF
Global VREF for
transceiver reference
clocks
V
2.0
–0.5
VDDIx
HSIO DC I/O supply
2
V
3.6
–0.5
VDDIx
GPIO DC I/O supply
2
V
3.6
–0.5
VDDI3
Dedicated I/O DC supply
for JTAG and SPI
V
3.6
–0.5
VDDAUXx
GPIO auxiliary power
supply for I/O bank x
2
V
3.8
–0.5
VIN
Maximum DC input
voltage on GPIO
V
2.2
–0.5
VIN
Maximum DC input
voltage on HSIO
V
1.26
–0.5
Transceiver VIN
Transceiver receiver ab-
solute input voltage
V
3.6
–0.5
Transceiver REFCLK VIN
Transceiver reference
clock absolute input
voltage
5
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com