Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 30 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 30 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 26Page - Microchip Technology MPFS250T Datasheet HTML 27Page - Microchip Technology MPFS250T Datasheet HTML 28Page - Microchip Technology MPFS250T Datasheet HTML 29Page - Microchip Technology MPFS250T Datasheet HTML 30Page - Microchip Technology MPFS250T Datasheet HTML 31Page - Microchip Technology MPFS250T Datasheet HTML 32Page - Microchip Technology MPFS250T Datasheet HTML 33Page - Microchip Technology MPFS250T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
6
AC Switching Characteristics
This section contains the AC switching characteristics of the PolarFire SoC device.
6.1
Microprocessor Subsystem
The following tables describe microprocessor subsystem.
6.1.1
CPU Performance
The following tables describe CPU performance.
Table 24 • Extended Commercial Speed Grades (TJ 0 °C–100 °C)
Units
–1
Max
–1
Min
STD
Max
STD
Min
Symbol
Parameter
MHz
667
600
FE51CPUCLK
Maximum E51
CPU clock fre-
quency
MHz
667
600
FU54CPUCLK
Maximum U54
CPU clock fre-
quency
MHz
667/2
300
FAXICLK
AXI Intercon-
nect maximum
clock frequency
MHz
667/4
150
FAHBCLK
AHB bus maxi-
mum clock fre-
quency
MHz
667/4
150
FAPBCLK
APB bus maxi-
mum clock fre-
quency
µS
6
6
FLOCKMSSPLL
MSS PLL maxi-
mum lock time
MHz
667
600
FMSSPLLMAX
MSS PLL maxi-
mum outut fre-
quency
MHz
100
100
FMSSPLLMIN
MSS PLL mini-
mum outut fre-
quency
MHz
2000
2000
FMSSVCOMAX
MSS PLL maxi-
mum VCO fre-
quency
MHz
800
800
FMSSVCOMIN
MSS PLL mini-
mum VCO fre-
quency
26
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com