Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 91 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 91 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 87Page - Microchip Technology MPFS250T Datasheet HTML 88Page - Microchip Technology MPFS250T Datasheet HTML 89Page - Microchip Technology MPFS250T Datasheet HTML 90Page - Microchip Technology MPFS250T Datasheet HTML 91Page - Microchip Technology MPFS250T Datasheet HTML 92Page - Microchip Technology MPFS250T Datasheet HTML 93Page - Microchip Technology MPFS250T Datasheet HTML 94Page - Microchip Technology MPFS250T Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
Table 103 • QSGMII
Unit
Max
Min
Data Rate
Parameter
UI
0.3
5.0 Gbps
Total transmit jitter
UI
0.65
5.0 Gbps
Receiver jitter tolerance
6.6.6
CPRI
The following table describes CPRI.
Table 104 • CPRI
Unit
Max
Min
Data Rate
Parameter
UI
0.35
0.6144 Gbps
Total transmit jitter
UI
0.35
1.2288 Gbps
UI
0.35
2.4576 Gbps
UI
0.35
3.0720 Gbps
UI
0.3
4.9152 Gbps
UI
0.3
6.1440 Gbps
UI
0.335
8.11008 Gbps
UI
0.335
9.8304 Gbps
UI
0.75
0.6144 Gbps
Receive jitter tolerance
UI
0.75
1.2288 Gbps
UI
0.75
2.4576 Gbps
UI
0.75
3.0720 Gbps
UI
0.7
4.9152 Gbps
UI
0.7
6.1440 Gbps
UI
0.7
8.11008 Gbps
UI
0.7
9.8304 Gbps
6.6.7
JESD204B
The following table describes JESD204B.
Table 105 • JESD204B
Unit
Max
Min
Data Rate
Parameter
UI
0.35
3.125 Gbps
Total transmit jitter
87
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com