Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 34 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 34 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 30Page - Microchip Technology MPFS250T Datasheet HTML 31Page - Microchip Technology MPFS250T Datasheet HTML 32Page - Microchip Technology MPFS250T Datasheet HTML 33Page - Microchip Technology MPFS250T Datasheet HTML 34Page - Microchip Technology MPFS250T Datasheet HTML 35Page - Microchip Technology MPFS250T Datasheet HTML 36Page - Microchip Technology MPFS250T Datasheet HTML 37Page - Microchip Technology MPFS250T Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
Units
Max
Min
Symbol
Parameter
ns
5.0
TMIICKO
MII clock to output
valid, all outputs
MHz
2.5 (at 10 Mbps),
25 (at 100 Mbps)
FMIICLK
MII device clock frequen-
cy
Table 32 • GMII Protocol (Interface to FPGA Fabric)
Units
Max
Min
Symbol
Parameter
ns
2.0
TGMIIDCK
Input setup to GMII
clocks, all inputs
ns
0.0
TGMIICKD
Input hold to GMII
clocks, all inputs
ns
2.0
TGMIICKO
GMII clock to output
valid, all outputs
MHz
125
FGMIICLK
GMII device clock fre-
quency
6.1.5
SD_SDIO
The following tables describe SD_SDIO. The test conditions for SD/SDIO standard mode (default speed
mode) use an 8 mA drive strength, fast slew rate, and a 30 pF load. For SD/SDIO high-speed mode, the test
conditions use a 12 mA drive strength, fast slew rate, and a 30 pF load. For other SD/SDIO high-speed
modes, the test conditions use a 12 mA drive strength, fast slew rate, and a 15 pF load.
Table 33 • SD/SDIO Interface DDR50 Mode
Units
Max
Typ
Min
Symbol
Parameter
%
55
45
TDCDDRCLK
SD device clock du-
ty cycle
ns
6.8
1.0
TSDDDRCKO1
Clock to output de-
lay, data
ns
3.5
TSDDDRIVW
Input valid data
window
ns
4.7
TSDDDRDCK2
Input setup time,
command
ns
1.5
TSDDDRCKD2
Input hold time,
command
ns
13.8
1.0
TSDDDRCKO2
Clock to output de-
lay, command
MHz
50
FSDDDRCLK
High-speed mode
SD device clock fre-
quency
30
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com