Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 55 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 55 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 51Page - Microchip Technology MPFS250T Datasheet HTML 52Page - Microchip Technology MPFS250T Datasheet HTML 53Page - Microchip Technology MPFS250T Datasheet HTML 54Page - Microchip Technology MPFS250T Datasheet HTML 55Page - Microchip Technology MPFS250T Datasheet HTML 56Page - Microchip Technology MPFS250T Datasheet HTML 57Page - Microchip Technology MPFS250T Datasheet HTML 58Page - Microchip Technology MPFS250T Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Unit
–1
STD
Standard
Mbps
500
500
LVCMOS18
Mbps
500
500
LVCMOS15
Mbps
300
300
LVCMOS12
Mbps
1500
1000
MIPI25
3
1. All SSTLD/HSTLD/HSULD/LVSTLD/POD type receivers use the LVDS differential receiver.
2. Performance is achieved with VID ≥200 mV.
3. VID ≥ 200 mV, VICM ≥100 mV, Tj= 0.4 UI.
4. LVDS25 configuration should be used in conjunction with I/O CDR when implementing SGMII receivers.
6.2.4
Output Buffer Speed
The following tables describe output buffer speed.
Table 61 • HSIO Maximum Output Buffer Speed
Unit
–1
STD
Standard
Mbps
1066
800
SSTL18I
Mbps
1066
800
SSTL18II
Mbps
1066
800
SSTL18I (differential)
Mbps
1066
800
SSTL18II (differential)
Mbps
1333
1066
SSTL15I
Mbps
1333
1066
SSTL15II
Mbps
1333
1066
SSTL15I (differential)
Mbps
1333
1066
SSTL15II (differential)
Mbps
1333
1066
SSTL135I
Mbps
1333
1066
SSTL135II
Mbps
1333
1066
SSTL135I (differential)
Mbps
1333
1066
SSTL135II (differential)
Mbps
1100
900
HSTL15I
Mbps
1100
900
HSTL15II
Mbps
1100
900
HSTL15I (differential)
Mbps
1100
900
HSTL15II (differential)
Mbps
1066
1066
HSTL135I
51
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com