Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 109 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 109 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 105Page - Microchip Technology MPFS250T Datasheet HTML 106Page - Microchip Technology MPFS250T Datasheet HTML 107Page - Microchip Technology MPFS250T Datasheet HTML 108Page - Microchip Technology MPFS250T Datasheet HTML 109Page - Microchip Technology MPFS250T Datasheet HTML 110Page - Microchip Technology MPFS250T Datasheet HTML 111Page - Microchip Technology MPFS250T Datasheet HTML 112Page - Microchip Technology MPFS250T Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 128 page
background image
6.9.2
UJTAG_SEC Switching Characteristics
The following table describes characteristics of UJTAG_SEC switching.
Table 135 • UJTAG Security Performance Characteristics
Condition
Unit
Max
Typ
Min
Symbol
Parameter
MHz
FTCK
TCK frequency
6.9.3
USPI Switching Characteristics
The following section describes characteristics of USPI switching.
Table 136 • SPI Macro Interface Timing Characteristics
Unit
VDDI = 1.2 V
Max
VDDI = 1.5 V
Max
VDDI = 1.8 V
Max
VDDI = 2.5 V
Max
VDDI = 3.3 V
Max
Symbol
Parameter
ns
1.6
1.4
1.2
1
0.8
TPD_MOSI
Propagation
delay from
ns
4.5
4.25
4
3.75
3.5
TPD_MISO
the fabric to
pins
1
ns
4.5
4.25
4
3.75
3.5
TPD_SS
ns
4.5
4.25
4
3.75
3.5
TPD_SCK
ns
4.5
4.25
4
3.75
3.5
TPD_MOSI_O-
E
ns
4.5
4.25
4
3.75
3.5
TPD_SS_OE
ns
4.5
4.25
4
3.75
3.5
TPD_SCK_OE
1. Assumes CL of the relevant I/O standard as described in the input and output delay measurement tables.
Figure 7 • USPI Switching Characteristics
105
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com