Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 28Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 30Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 31Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 32Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 33Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 35Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 32 of 232
12 8051 CPU
This section describes the 8051 CPU core,
with interrupts, memory and instruction set.
12.1 8051 CPU Introduction
The
CC2430 includes an 8-bit CPU core which
is an enhanced version of the industry
standard 8051 core.
The enhanced 8051 core uses the standard
8051 instruction set. Instructions execute
faster than the standard 8051 due to the
following:
One clock per instruction cycle is used
as
opposed
to
12
clocks
per
instruction cycle in the standard 8051.
Wasted bus states are eliminated.
Since an instruction cycle is aligned with
memory fetch when possible, most of the
single byte instructions are performed in a
single clock cycle. In addition to the speed
improvement, the enhanced 8051 core also
includes architectural enhancements:
A second data pointer.
Extended 18-source interrupt unit
The 8051 core is object code compatible with
the industry standard 8051 microcontroller.
That is, object code compiled with an industry
standard 8051 compiler or assembler executes
on
the
8051
core
and
is
functionally
equivalent. However, because the 8051 core
uses a different instruction timing than many
other 8051 variants, existing code with timing
loops may require modification. Also because
the peripheral units such as timers and serial
ports differ from those on a other 8051 cores,
code which includes instructions using the
peripheral units SFRs will not work correctly.
12.2 Reset
The
CC2430 has three reset sources. The
following events generate a reset:
Forcing RESET_N input pin low
A power-on reset condition
Watchdog timer reset condition
The initial conditions after a reset are as
follows:
I/O pins are configured as inputs with
pull-up
CPU program counter is loaded with
0x0000 and program execution starts
at this address
All peripheral registers are initialized to
their reset values (refer to register
descriptions)
Watchdog timer is disabled
12.3 Memory
The 8051 CPU has four different memory
spaces:
CODE. A 16-bit read-only memory space for
program memory.
DATA. An 8-bit read/write data memory space,
which can be directly or indirectly accessed by
a single CPU instruction. The lower 128 bytes
of the DATA memory space can be addressed
either directly or indirectly, the upper 128 bytes
only indirectly.
XDATA. A 16-bit read/write data memory
space access to which usually requires 4-5
CPU instruction cycles. Access to XDATA
memory is also slower in hardware than DATA
access as the CODE and XDATA memory
spaces share a common bus on the CPU core
and instruction pre-fetch from CODE can thus
not be performed in parallel with XDATA
accesses.
SFR. A 7-bit read/write register memory space
which can be directly accessed by a single
CPU instruction. For SFR registers whose
address is divisible by eight, each bit is also
individually addressable.
The four different memory spaces are distinct
in the 8051 architecture, but are partly
overlapping in the
CC2430 to ease DMA
transfers and hardware debugger operation.
How the different memory spaces are mapped
onto the three physical memories (flash
program memory, 8 KB SRAM and hardware
registers) is described in sections 12.3.1 and
12.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com