Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 56 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 52Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 53Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 54Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 55Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 56Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 57Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 58Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 59Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 56 of 232
IEN2 (0x9A) – Interrupt Enable 2
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Not used. Read as 0
WDTIE – Watchdog timer interrupt enable
0
Interrupt disabled
5
WDTIE
0
R/W
1
Interrupt enabled
P1IE– Port 1 interrupt enable
0
Interrupt disabled
4
P1IE
0
R/W
1
Interrupt enabled
UTX1IE – USART1 TX interrupt enable
0
Interrupt disabled
3
UTX1IE
0
R/W
1
Interrupt enabled
UTX0IE - USART0 TX interrupt enable
0
Interrupt disabled
2
UTX0IE
0
R/W
1
Interrupt enabled
P2IE – Port 2 interrupt enable
0
Interrupt disabled
1
P2IE
0
R/W
1
Interrupt enabled
RFIE – RF general interrupt enable
0
Interrupt disabled
0
RFIE
0
R/W
1
Interrupt enabled
12.7.2 Interrupt Processing
When an interrupt occurs, the CPU will vector
to the interrupt vector address as shown in
Table 29. Once an interrupt service has
begun, it can be interrupted only by a higher
priority interrupt. The interrupt service is
terminated by a RETI (return from interrupt
instruction). When an RETI is performed, the
CPU will return to the instruction that would
have been next when the interrupt occurred.
When the interrupt condition occurs, the CPU
will also indicate this by setting an interrupt
flag bit in the interrupt flag registers. This bit is
set regardless of whether the interrupt is
enabled or disabled. If the interrupt is enabled
when an interrupt flag is set, then on the next
instruction
cycle
the
interrupt
will
be
acknowledged by hardware forcing an LCALL
to the appropriate vector address.
Interrupt response will require a varying
amount of time depending on the state of the
CPU when the interrupt occurs. If the CPU is
performing an interrupt service with equal or
greater priority, the new interrupt will be
pending until it becomes the interrupt with
highest priority. In other cases, the response
time depends on current instruction. The
fastest possible response to an interrupt is
seven machine cycles. This includes one
machine cycle for detecting the interrupt and
six cycles to perform the LCALL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com