Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 92 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 92 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 88Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 92 of 232
DMA
Trigger
number
DMA Trigger
name
Functional unit
Description
0
NONE
DMA
No trigger, setting
DMAREQ.DMAREQx bit starts transfer
1
PREV
DMA
DMA channel is triggered by completion of previous channel
2
T1_CH0
Timer 1
Timer 1, compare, channel 0
3
T1_CH1
Timer 1
Timer 1, compare, channel 1
4
T1_CH2
Timer 1
Timer 1, compare, channel 2
5
T2_COMP
Timer 2
Timer 2, compare
6
T2_OVFL
Timer 2
Timer 2, overflow
7
T3_CH0
Timer 3
Timer 3, compare, channel 0
8
T3_CH1
Timer 3
Timer 3, compare, channel 1
9
T4_CH0
Timer 4
Timer 4, compare, channel 0
10
T4_CH1
Timer 4
Timer 4, compare, channel 1
11
ST
Sleep Timer
Sleep Timer compare
12
IOC_0
IO Controller
Port 0 I/O pin input transition
13
IOC_1
IO Controller
Port 1 I/O pin input transition
14
URX0
USART0
USART0 RX complete
15
UTX0
USART0
USART0 TX complete
16
URX1
USART1
USART1 RX complete
17
UTX1
USART1
USART1 TX complete
18
FLASH
Flash
controller
Flash data write complete
19
RADIO
Radio
RF packet byte received/transmit
20
ADC_CHALL
ADC
ADC end of a conversion in a sequence, sample ready
21
ADC_CH11
ADC
ADC end of conversion channel 0 in sequence, sample ready
22
ADC_CH21
ADC
ADC end of conversion channel 1 in sequence, sample ready
23
ADC_CH32
ADC
ADC end of conversion channel 2 in sequence, sample ready
24
ADC_CH42
ADC
ADC end of conversion channel 3 in sequence, sample ready
25
ADC_CH53
ADC
ADC end of conversion channel 4 in sequence, sample ready
26
ADC_CH63
ADC
ADC end of conversion channel 5 in sequence, sample ready
27
ADC_CH74
ADC
ADC end of conversion channel 6 in sequence, sample ready
28
ADC_CH84
ADC
ADC end of conversion channel 7 in sequence, sample ready
29
ENC_DW
AES
AES encryption processor requests download input data
30
ENC_UP
AES
AES encryption processor requests upload output data
Table 37: DMA Trigger Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com