Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 65 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 61Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 62Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 63Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 64Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 65Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 66Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 67Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 68Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 65 of 232
Bit
Name
Description
Flash chip erase done
0 Chip erase in progress
7
chip_erase_done
1 Chip erase done
PCON idle
0 CPU is running
6
pcon_idle
1 CPU is idle (clock gated)
CPU halted
0 CPU running
5
cpu_halted
1 CPU halted
Power Mode 0
0 Power Mode 1-3 selected
4
power_mode_0
1 Power Mode 0 selected
Halt status. Returns cause of last CPU halt
0 CPU was halted by HALT debug command
3
halt_status
1 CPU was halted by software or hardware breakpoint
Debug locked. Returns value of DBGLOCK bit
0 Debug interface is not locked
2
debug_locked
1 Debug interface is locked
Oscillators stable. This bit represents the status of the
CLKCON.XSOC_STB and CLKCON.HFRC_STB register bits.
0 Oscillators not stable
1
oscillator_stable
1 Oscillators stable
Stack overflow. This bit indicates when the CPU writes to
DATA memory space at address 0xFF which is possibly a
stack overflow
0 No stack overflow
0
stack_overflow
1 Stack overflow
Table 35: Debug Status
12.9.7 Hardware Breakpoints
The debug command SET_HW_BRKPNT
is used to set a hardware breakpoint. The
CC2430 supports up to four hardware
breakpoints. When a hardware breakpoint
is enabled it will compare the CPU
address bus with the breakpoint.. When a
match occurs, the CPU is halted.
When issuing the SET_HW_BRKPNT, the
external host must supply three data bytes
that define the hardware breakpoint. The
hardware breakpoint itself consists of 18
bits while three bits are used for control
purposes. The format of the three data
bytes
for
the
SET_HW_BRKPNT
command is as follows.
The first data byte consists of the
following:
bits 7-5
: unused
bits 4-3
: breakpoint number; 0-3
bit 2
: 1=enable, 0=disable
bits 1-0
: Memory bank bits. Bits
17-16
of
hardware
breakpoint.
The second data byte consists of bits 15-8
of the hardware breakpoint.
The third data byte consists of bits 7-0 of
the hardware breakpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com