Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 46 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 42Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 46 of 232
Register name
SFR
Address
Module
Description
U0DBUF
0xC1
USART0
USART 0 Receive/Transmit Data Buffer
U0BAUD
0xC2
USART0
USART 0 Baud Rate Control
U0UCR
0xC4
USART0
USART 0 UART Control
U0GCR
0xC5
USART0
USART 0 Generic Control
U1CSR
0xF8
USART1
USART 1 Control and Status
U1DBUF
0xF9
USART1
USART 1 Receive/Transmit Data Buffer
U1BAUD
0xFA
USART1
USART 1 Baud Rate Control
U1UCR
0xFB
USART1
USART 1 UART Control
U1GCR
0xFC
USART1
USART 1 Generic Control
WDCTL
0xC9
WDT
Watchdog Timer Control
12.5 CPU Registers
This section describes the internal registers
found in the CPU.
12.5.1 Registers R0-R7
The
CC2430 provides four register banks of
eight registers each. These register banks are
mapped in the DATA memory space at
addresses 0x00-0x07, 0x08-0x0F, 0x10-0x17
and 0x18-0x1F. Each register bank contains
the eight 8-bit register R0-R7. The register
bank to be used is selected through the
Program Status Word PSW.RS[1:0].
12.5.2 Program Status Word
The Program Status Word (PSW) contains
several bits that show the current state of the
CPU. The Program Status Word is accessible
as an SFR and it is bit-addressable. PSW is
shown below and contains the Carry flag,
Auxiliary Carry flag for BCD operations,
Register Select bits, Overflow flag and Parity
flag. Two bits in PSW are uncommitted and can
be used as user-defined status flags
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com