Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 11Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 12Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 16Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 17Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 15 of 232
Parameter
Min
Typ
Max
Unit
Condition/Note
Blocking / Desensitization
+/- 5 MHz from band edge
+/- 20 MHz from band edge
+/- 30 MHz from band edge
+/- 50 MHz from band edge
-29
-25
-19
-17
dBm
dBm
dBm
dBm
Wanted signal 3 dB above the sensitivity level, CW
jammer, PER = 1%. Measured according to EN 300
440 class 2.
Spurious emission
30 – 1000 MHz
1 – 12.75 GHz
−57
−47
dBm
dBm
Conducted measurement in a 50
Ω single ended
load. Complies with EN 300 328, EN 300 440 class
2, FCC CFR47, Part 15 and ARIB STD-T-66
Frequency error tolerance
-300
300
kHz
Difference between centre frequency of the received
RF signal and local oscillator frequency
[1] requires 200 kHz
Symbol rate error tolerance
120
ppm
Difference between incoming symbol rate and the
internally generated symbol rate
[1] requires 80 ppm
Table 6: RF Receive Section
7.3
RF Transmit Section
TA=25°C, VDD=3.0V if nothing else stated. Measured on Chipcon’s CC2430 EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Nominal output power
-3
0
dBm
Delivered to a single ended 50
Ω load through a balun.
[1] requires minimum –3 dBm
Programmable output
power range
24
dB
The output power is programmable in 8 steps from approximately
–24 to 0 dBm.
Harmonics
2
nd harmonic
3
rd harmonic
-56
-60
dBm
dBm
Measured conducted with 1 MHz resolution bandwidth on
spectrum analyser. At max output power delivered to a single
ended 50
Ω load through a balun.
Spurious emission
30 - 1000 MHz
1– 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
-58
-48
-58
-56
dBm
dBm
dBm
dBm
Maximum output power.
Chipcon’s
CC2430 EM reference design complies with EN 300
328, EN 300 440, FCC CFR47 Part 15 and ARIB STD-T-66
Error Vector
Magnitude (EVM)
11
%
Measured as defined by [1]
[1] requires max. 35 %
Optimum load
impedance
115
+
j180
Differential impedance as seen from the RF-port (
RF_P and
RF_N) towards the antenna.
Table 7: RF Transmit Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com