Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 51 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 51Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 52Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 53Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 54Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 51 of 232
Mnemonic
Description
Hex
Opcode
Bytes
Cycles
XCH A,direct
Exchange direct byte with accumulator
C5
2
3
XCH A,@Ri
Exchange indirect RAM with accumulator
C6-C7
1
3
XCHD A,@Ri
Exchange low-order nibble indirect. RAM with A
D6-D7
1
3
Program branching
ACALL addr11
Absolute subroutine call
xxx11
2
6
LCALL addr16
Long subroutine call
12
3
6
RET
Return from subroutine
22
1
4
RETI
Return from interrupt
32
1
4
AJMP addr11
Absolute jump
xxx01
2
3
LJMP addr16
Long jump
02
3
4
SJMP rel
Short jump (relative address)
80
2
3
JMP @A+DPTR
Jump indirect relative to the DPTR
73
1
2
JZ rel
Jump if accumulator is zero
60
2
3
JNZ rel
Jump if accumulator is not zero
70
2
3
JC rel
Jump if carry flag is set
40
2
3
JNC
Jump if carry flag is not set
50
2
3
JB bit,rel
Jump if direct bit is set
20
3
4
JNB bit,rel
Jump if direct bit is not set
30
3
4
JBC bit,direct rel
Jump if direct bit is set and clear bit
10
3
4
CJNE A,direct rel
Compare direct byte to A and jump if not equal
B5
3
4
CJNE A,#data rel
Compare immediate to A and jump if not equal
B4
3
4
CJNE Rn,#data rel
Compare immediate to reg. and jump if not equal
B8-BF
3
4
CJNE @Ri,#data rel
Compare immediate to indirect and jump if not equal
B6-B7
3
4
DJNZ Rn,rel
Decrement register and jump if not zero
D8-DF
2
3
DJNZ direct,rel
Decrement direct byte and jump if not zero
D5
3
4
NOP
No operation
00
1
1
Boolean variable operations
CLR C
Clear carry flag
C3
1
1
CLR bit
Clear direct bit
C2
2
3
SETB C
Set carry flag
D3
1
1
SETB bit
Set direct bit
D2
2
3
CPL C
Complement carry flag
B3
1
1
CPL bit
Complement direct bit
B2
2
3
ANL C,bit
AND direct bit to carry flag
82
2
2
ANL C,/bit
AND complement of direct bit to carry
B0
2
2
ORL C,bit
OR direct bit to carry flag
72
2
2
ORL C,/bit
OR complement of direct bit to carry
A0
2
2
MOV C,bit
Move direct bit to carry flag
A2
2
2
MOV bit,C
Move carry flag to direct bit
92
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com