Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 24 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 21Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 22Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 26Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 27Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 24 of 232
Pin
Pin name
Pin type
Description
-
GND
Ground
The exposed die attach pad must be connected to a solid ground plane
1
P1_7
Digital I/O
Port 1.7
2
P1_6
Digital I/O
Port 1.6
3
P1_5
Digital I/O
Port 1.5
4
P1_4
Digital I/O
Port 1.4
5
P1_3
Digital I/O
Port 1.3
6
P1_2
Digital I/O
Port 1.2
7
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
8
P1_1
Digital I/O
Port 1.1 – 20 mA drive capability
9
P1_0
Digital I/O
Port 1.0 – 20 mA drive capability
10
RESET_N
Digital input
Reset, active low
11
P0_0
Digital I/O
Port 0.0
12
P0_1
Digital I/O
Port 0.1
13
P0_2
Digital I/O
Port 0.2
14
P0_3
Digital I/O
Port 0.3
15
P0_4
Digital I/O
Port 0.4
16
P0_5
Digital I/O
Port 0.5
17
P0_6
Digital I/O
Port 0.6
18
P0_7
Digital I/O
Port 0.7
19
XOSC_Q2
Analog I/O
32 MHz crystal oscillator pin 2
20
AVDD_SOC
Power (Analog) 2.0V-3.6V analog power supply connection
21
XOSC_Q1
Analog I/O
32 MHz crystal oscillator pin 1, or external clock input
22
RBIAS1
Analog I/O
External precision bias resistor for reference current
23
AVDD_RREG
Power (Analog) 2.0V-3.6V analog power supply connection
24
RREG_OUT
Power output
1.8V Voltage regulator power supply output. Only intended for supplying the analog
1.8V part (power supply for pins 25, 27-31, 35-40).
25
AVDD_IF1
Power (Analog) 1.8V Power supply for the receiver band pass filter, analog test module, global bias
and first part of the VGA
26
RBIAS2
Analog output
External precision resistor, 43 k
Ω, ±1 %
27
AVDD_CHP
Power (Analog) 1.8V Power supply for phase detector, charge pump and first part of loop filter
28
VCO_GUARD
Power (Analog) Connection of guard ring for VCO (to AVDD) shielding
29
AVDD_VCO
Power (Analog) 1.8V Power supply for VCO and last part of PLL loop filter
30
AVDD_PRE
Power (Analog) 1.8V Power supply for Prescaler, Div-2 and LO buffers
31
AVDD_RF1
Power (Analog) 1.8V Power supply for LNA, front-end bias and PA
32
RF_P
RF I/O
Positive RF input signal to LNA during RX. Positive RF output signal from PA during
TX
33
TXRX_SWITCH
Power (Analog) Regulated supply voltage for PA
34
RF_N
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
35
AVDD_SW
Power (Analog) 1.8V Power supply for LNA / PA switch
36
AVDD_RF2
Power (Analog) 1.8V Power supply for receive and transmit mixers
37
AVDD_IF2
Power (Analog) 1.8V Power supply for transmit low pass filter and last stages of VGA
38
AVDD_ADC
Power (Analog) 1.8V Power supply for analog parts of ADCs and DACs
39
DVDD_ADC
Power (Digital)
1.8V Power supply for digital parts of ADCs
40
AVDD_DGUARD
Power (Digital)
Power supply connection for digital noise isolation
41
AVDD_DREG
Power (Digital)
2.0V-3.6V digital power supply for digital core voltage regulator
42
DCOUPL
Power (Digital)
1.8V digital power supply decoupling. Do not use for supplying external circuits.
43
P2_4/XOSC_Q2
Digital I/O
Port 2.4/32.768 kHz XOSC
44
P2_3/XOSC_Q1
Digital I/O
Port 2.3/32.768 kHz XOSC
45
P2_2
Digital I/O
Port 2.2
46
P2_1
Digital I/O
Port 2.1
47
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
48
P2_0
Digital I/O
Port 2.0
Table 21: Pinout overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com