Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 99 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 99 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 99Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 100Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 99 of 232
0000h
FFFFh
OVFL
OVFL
Figure 20: Free-running mode
13.3.4 Modulo Mode
When the timer operates in modulo mode the
16-bit counter starts at 0x0000 and increments
at each active clock edge. When the counter
reaches the terminal count value held in
registers T1CC0H:T1CC0L, the counter is
reset to 0x0000 and continues to increment.
The flag T1CTL.OVFIF is set when the
terminal count value is reached. An interrupt
request is generated if the corresponding
interrupt mask bit TIMIF.OVFIM is set. The
modulo mode can be used for applications
where a period other then 0xFFFF is required.
The counter operation is shown in Figure 21.
0000h
T1CC0
OVFL
OVFL
Figure 21: Modulo mode
13.3.5 Up/down Mode
In the up/down timer mode, the counter
repeatedly starts from 0x0000 and counts up
until the value held in T1CC0H:T1CC0L is
reached and then the counter counts down
until 0x0000 is reached as shown in Figure 22.
This timer mode is used when symmetrical
output pulses are required with a period other
than
0xFFFF,
and
therefore
allows
implementation of centre-aligned PWM output
applications. The flag T1CTL.OVFIF is not set
when the terminal count value is reached in
the up/down mode.
Clearing the counter by writing to T1CNTL will
also reset the count direction to the count up
from 0x0000 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com