Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 101 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 101 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 99Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 100Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 103Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 104Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 101 of 232
and T1CTL.CH2IF for channel 2. An interrupt
request is generated if the corresponding
interrupt
mask
bit
on
T1CCTL0.IM,
T1CCTL1.IM, or T1CCTL2.IM, respectively,
is set.
Examples of output compare modes in various
timer modes are given in the following figures.
Edge-aligned
PWM output signals can be
generated using the timer modulo mode and
channels 1 and 2 in output compare mode 6 or
7 as shown in Figure 23. The period of the
PWM signal is determined by the setting
T1CC0 and the duty cycle for the channel
output is determined by T1CCn. The timer free-
running mode may also be used. In this case
CLKCON.TICKSPD and the prescaler divider
value T1CTL.DIV set the period of the PWM
signal. The polarity of the PWM signal is
determined by whether output compare mode
6 or 7 is used. PWM output signals can also
be generated using output compare modes 4
and 5 as shown in the same figure, or by using
modulo mode as shown in Figure 24. Using
output compare mode 4 and 5 is preferred for
simple PWM.
Centre-aligned
PWM
outputs
can
be
generated when the timer up/down mode is
selected. The channel output compare mode 4
or 5 is selected depending on required polarity
of the PWM signal. The period of the PWM
signal is determined by T1CC0 and the duty
cycle for the channel output is determined by
T1CCn.
The centre-aligned PWM mode is required by
certain types of motor drive applications and
typically less noise is produced than the edge-
aligned PWM mode because the I/O pin
transitions are not lined up on the same clock
edge.
In some types of applications, a defined delay
or dead time is required between outputs.
Typically this is required for outputs driving an
H-bridge configuration to avoid uncontrolled
cross-conduction in one side of the H-bridge.
The delay or dead-time can be obtained in the
PWM outputs by using T1CCn as shown in the
following:
Assuming that channel 1 and channel 2 are
used to drive the outputs using timer up/down
mode and the channels use output compare
modes 4 and 5 respectively, then the timer
period (in Timer 1 clock periods) is:
TP = T1CC0 x 2
and the dead time, i.e. the time when both
outputs are low, (in Timer 1 clock periods) is
given by:
TD = T1CC1 – T1CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com