Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 53 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 51Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 52Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 53Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 54Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 55Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 56Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 53 of 232
Interrupt
number
Description
Interrupt
name
Interrupt
Vector
Interrupt Mask
Interrupt Flag
0
RF TX FIFO underflow and RX
FIFO overflow.
RFERR
03h
IEN0.RFERRIE
TCON.RFERRIF
1
ADC end of conversion
ADC
0Bh
IEN0.ADCIE
TCON.ADCIF
2
USART0 RX complete
URX0
13h
IEN0.URX0IE
TCON.URX0IF
3
USART1 RX complete
URX1
1Bh
IEN0.URX1IE
TCON.URX1IF
4
AES encryption/decryption
complete
ENC
23h
IEN0.ENCIE
S0CON.ENCIF
5
Sleep Timer compare
ST
2Bh
IEN0.STIE
IRCON.STIF
6
Port 2 inputs
P2INT
33h
IEN2.P2IE
IRCON2.P2IF
7
USART0 TX complete
UTX0
3Bh
IEN2.UTX0IE
IRCON2.UTX0IF
8
DMA transfer complete
DMA
43h
IEN1.DMAIE
IRCON.DMAIF
9
Timer 1 (16-bit)
capture/compare/overflow
T1
4Bh
IEN1.T1IE
IRCON.T1IF
10
Timer 2 (MAC Timer)
T2
53h
IEN1.T2IE
IRCON.T2IF
11
Timer 3 (8-bit)
capture/compare/overflow
T3
5Bh
IEN1.T3IE
IRCON.T3IF
12
Timer 4 (8-bit)
capture/compare/overflow
T4
63h
IEN1.T4IE
IRCON.T4IF
13
Port 0 inputs
P0INT
6Bh
IEN1.P0IE
IRCON.P0IF
14
USART1 TX complete
UTX1
73h
IEN2.UTX1IE
IRCON2.UTX1IF
15
Port 1 inputs
P1INT
7Bh
IEN2.P1IE
IRCON2.P1IF
16
RF general interrupts
RF
83h
IEN2.RFIE
S1CON.RFIF
17
Watchdog overflow in timer mode
WDT
8Bh
IEN2.WDTIE
IRCON2.WDTIF
Table 29: Interrupts Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com