Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 95 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 95 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 95 of 232
13.2.7 DMA registers
This section describes the SFR registers associated with the DMA Controller
DMAARM (0xD6) – DMA Channel Arm
Bit
Name
Reset
R/W
Description
7
ABORT
0
R0/W
DMA abort. This bit is used to stop ongoing DMA transfers.
Writing a 1 to this bit will abort all channels which are
selected by setting the corresponding DMAARM bit to 1
0 : Normal operation
1 : Abort channels all selected channels
6:5
-
00
R/W
Not used
4
DMAARM4
0
R/W
DMA arm channel 4
This bit must be set in order for any DMA transfers to
occur on the channel. For non-repetitive transfer modes,
the bit is automatically cleared upon completion.
3
DMAARM3
0
R/W
DMA arm channel 3
This bit must be set in order for any DMA transfers to
occur on the channel. For non-repetitive transfer modes,
the bit is automatically cleared upon completion.
2
DMAARM2
0
R/W
DMA arm channel 2
This bit must be set in order for any DMA transfers to
occur on the channel. For non-repetitive transfer modes,
the bit is automatically cleared upon completion.
1
DMAARM1
0
R/W
DMA arm channel 1
This bit must be set in order for any DMA transfers to
occur on the channel. For non-repetitive transfer modes,
the bit is automatically cleared upon completion.
0
DMAARM0
0
R/W
DMA arm channel 0
This bit must be set in order for any DMA transfers to
occur on the channel. For non-repetitive transfer modes,
the bit is automatically cleared upon completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com