Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 88 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 88 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 84Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 85Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 86Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 87Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 88Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 88 of 232
The behavior of each of the five DMA channels
is configured with the following parameters:
Source address
. The first address from which
the DMA channel should read data.
Destination address
. The first address to
which the DMA channel should write the data
read from the source address. The user must
ensure that the destination is writable.
Transfer count
. The number of transfers to
perform before rearming or disarming the DMA
channel and alerting the CPU with an interrupt
request. The length can be defined in the
configuration or it can be defined as described
next as VLEN setting.
VLEN setting.
The DMA channel is capable of
variable length transfers using the first byte or
word to set the transfer length. When doing
this, various options regarding how to count
number of bytes to transfer are available.
Priority
. The priority of the DMA transfers for
the DMA channel in respect to the CPU and
other DMA channels and access ports.
Trigger event
. All DMA transfers are initiated
by so-called DMA trigger events. This trigger
either starts a DMA block transfer or a single
DMA transfer. In addition to the configured
trigger, a DMA channel can always be
triggered
by
setting
its
designated
DMAREQ.DMAREQx flag. The DMA trigger
sources are described in Table 37 on page 92.
Source and Destination Increment.
The
source and destination addresses can be
controlled to increment or decrement or not
change, in order to give good flexibility for
various types of transfers.
Transfer
mode.
The
transfer
mode
determines whether the transfer should be a
single transfer or a block transfer, or repeated
versions of these.
Byte or word transfers.
Determines whether
each DMA transfer should be 8-bit (byte) or
16-bit (word).
Interrupt Mask.
An interrupt request is
generated upon completion of the DMA
transfer. The interrupt mask bit controls if the
interrupt generation is enabled or disabled.
M8:
Decide whether to use seven or eight bits
of length byte for transfer length. Only
applicable when doing byte transfers.
A detailed description of all configuration
parameters are given in the following sections.
13.2.2.1 Source Address
The address in XDATA memory where the
DMA channel shall start to read data.
13.2.2.2 Destination Address
The first address to which the DMA channel
should write the data read from the source
address. The user must ensure that the
destination is writable.
13.2.2.3 Transfer Count
The number of bytes/words needed to be
transferred for the DMA transfer to be
complete. When the transfer count is reached,
the DMA controller rearms or disarms the DMA
channel and alerts the CPU with an interrupt
request. The transfer count can be defined in
the configuration or it can be defined as a
variable length described in the next section.
13.2.2.4 VLEN Setting
The DMA channel is capable of using the first
byte or word (for word, bits 12:0 are used) in
source data as the transfer length. This allows
variable length transfers. When using variable
length transfer, various options regarding how
to count number of bytes to transfer is given.
In any case, the transfer count (LEN) setting is
used as maximum transfer count. Note that the
M8 bit (see page 90) is only used when byte
size transfers are chosen.
Options which can be set with VLEN are the
following:
1. Transfer
number
of
bytes/words
commanded by first byte/word + 1
(transfers the length byte/word, and
then as many bytes/words as dictated
by length byte/word)
2. Transfer
number
of
bytes/words
commanded by first byte/word
3. Transfer
number
of
bytes/words
commanded by first byte/word + 2
(transfers the length byte/word, and
then as many bytes/words as dictated
by length byte/word + 1)
4. Transfer
number
of
bytes/words
commanded by first byte/word + 3
(transfers the length byte/word, and
then as many bytes/words as dictated
by length byte/word + 2)
Figure 18 shows the VLEN options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com