Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 80 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 76Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 77Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 78Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 79Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 80Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 81Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 82Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 83Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 80 of 232
P2DIR (0xFF) – Port 2 Direction
Bit
Name
Reset
R/W
Description
Port 0 peripheral priority control. These bits shall determine the
order of priority in the case when PERCFG assigns several
peripherals to the same pins
00
USART0 – USART1
01
USART1 – USART0
10
Timer 1 channels 0 and 1 – USART1
7:6
PRIP0[1:0]
0
R/W
11
Timer 1 channel 2 – USART0
5
-
0
R0
Not used
P2_4 I/O direction
0
Input
4
DIRP2_4
0
R/W
1
Output
P2_3 I/O direction
0
Input
3
DIRP2_3
0
R/W
1
Output
P2_2 I/O direction
0
Input
2
DIRP2_2
0
R/W
1
Output
P2_1 I/O direction
0
Input
1
DIRP2_1
0
R/W
1
Output
P2_0 I/O direction
0
Input
0
DIRP2_0
0
R/W
1
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com