Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 89 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 85Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 86Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 87Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 88Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 89 of 232
LENGTH=n
byte/word 1
byte/word 2
byte/word 3
byte/word n-1
byte/word n
LENGTH=n
byte/word 1
byte/word 2
byte/word 3
byte/word n-1
byte/word n
LENGTH=n
byte/word 1
byte/word 2
byte/word 3
byte/word n-1
byte/word n
LENGTH=n
byte/word 1
byte/word 2
byte/word 3
byte/word n-1
byte/word n
byte/word n+1
byte/word n+1
byte/word n+2
VLEN=001
VLEN=010
VLEN=011
VLEN=100
Figure 18: Variable Length (VLEN) Transfer Options
13.2.2.5 Trigger Event
Each DMA channel can be set up to sense on
a single trigger. This field determines which
trigger the DMA channel shall sense.
13.2.2.6 Source and Destination Increment
When the DMA channel is armed or rearmed
the source and destination addresses are
transferred to internal address pointers. The
possibilities for address increment are :
Increment by zero.
The address
pointer shall remain fixed after each
transfer.
Increment by one.
The address
pointer shall increment one count
after each transfer.
Increment by two.
The address
pointer shall increment two counts
after each transfer.
Decrement by one.
The address
pointer shall decrement one count
after each transfer.
13.2.2.7 DMA Transfer Mode
The transfer mode determines how the DMA
channel behaves when it starts transferring
data. There are four transfer modes described
below:
Single
. On a trigger a single DMA transfer
occurs and the DMA channel awaits the next
trigger. After the number of transfers specified
by the transfer count, are completed, the CPU
is notified and the DMA channel is disarmed.
Block
. On a trigger the number of DMA
transfers specified by the transfer count is
performed as quickly as possible, after which
the CPU is notified and the DMA channel is
disarmed.
Repeated single.
On a trigger a single DMA
transfer occurs and the DMA channel awaits
the next trigger. After the number of transfers
specified by the transfer count are completed,
the CPU is notified and the DMA channel is
rearmed.
Repeated block.
On a trigger the number of
DMA transfers specified by the transfer count
is performed as quickly as possible, after
which the CPU is notified and the DMA
channel is rearmed.
13.2.2.8 DMA Priority
A DMA priority is associated with each DMA
access port and is configurable for each DMA
channel. The DMA priority is used to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com