Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 104 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 104 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 100Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 103Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 104Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 105Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 106Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 107Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 104 of 232
0000h
1 - Set output on compare
2 - Clear output on compare
3 - Toggle output on compare
6 - Clear when T1CC0, set when T1CCn
7 - Set when T1CC0, clear when T1CCn
T1CCn
T1CCn
T1CC0
T1CC0
T1CC0
T1CCn
4 - Set output on compare-up,
clear on compare-down
5 - Clear output on compare-up,
set on compare-down
T1CCn
T1CCn
Figure 25: Output modes, timer up/down mode
13.3.10 Timer 1 Interrupts
There is one interrupt vector assigned to the
timer. An interrupt request is generated when
one of the following timer events occur:
Counter reaches terminal count value.
Input capture event.
Output compare event
The
register
bits
T1CTL.OVFIF,
T1CTL.CH0IF,
T1CTL.CH1IF,
and
T1CTL.CH2IF contains the interrupt flags for
the terminal count value event, and the three
channel compare/capture events, respectively.
An interrupt request is only generated when
the corresponding interrupt mask bit is set.
The interrupt mask bits are T1CCTL0.IM,
T1CCTL1.IM,
T1CCTL2.IM
and
TIMIF.OVFIM. If there are other pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com