Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 108 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 108 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 104Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 105Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 106Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 107Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 108Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 109Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 110Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 111Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 108 of 232
T1CCTL1 (0xE6) – Timer 1 Channel 1 Capture/Compare Control
Bit
Name
Reset
R/W
Description
Capture select. Timer 1 channel 1 captures on RF interrupt from
RF transceiver or capture input pin
0
Use normal capture input
7
CPSEL
0
R/W
1
Use RF interrupt from RF transceiver for capture
6
IM
1
R/W
Channel 1 interrupt mask. Enables interrupt request when set.
Channel 1 compare mode select. Selects action on output when
timer value equals compare value in
T1CC1
000
Set output on compare
001
Clear output on compare
010
Toggle output on compare
011
Set output on compare-up, clear on 0 (clear on compare-
down in up/down mode)
100
Clear output on compare-up, set on 0 (set on compare-
down in up/down mode)
101
Clear when equal
T1CC0, set when equal T1CC1
110
Set when equal
T1CC0, clear when equal T1CC1
5:3
CMP[2:0]
000
R/W
111
Not used
Mode. Select Timer 1 channel 1 capture or compare mode
0
Capture mode
2
MODE
0
R/W
1
Compare mode
Channel 1 capture mode select
00
No capture
01
Capture on rising edge
10
Capture on falling edge
1:0
CAP[1:0]
00
R/W
11
Capture on all edges
T1CC1H (0xDD) – Timer 1 Channel 1 Capture/Compare Value High
Bit
Name
Reset
R/W
Description
7:0
T1CC1[15:8]
0x00
R/W
Timer 1 channel 1 capture/compare value, high order byte
T1CC1L (0xDC) – Timer 1 Channel 1 Capture/Compare Value Low
Bit
Name
Reset
R/W
Description
7:0
T1CC1[7:0]
0x00
R/W
Timer 1 channel 1 capture/compare value, low order byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com