Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 111 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 111 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 107Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 108Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 109Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 110Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 111Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 112Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 111 of 232
The selection of which part of the timer is
to
be
compared
is
set
by
the
T2CNF.CMSEL bit.
When a timer compare occurs the interrupt
flag T2CNF.CMPIF is set to 1. An interrupt
request is also generated if the interrupt
mask T2PEROF2.CMPIM is set to 1.
13.4.1.6 Capture Input
The MAC timer has a timer capture
function which captures at the time when
the start of frame delimiter (SFD) status in
the radio goes high. Refer to sections 14.6
and 14.9 starting on page 170 for a
description of the SFD.
When the capture event occurs the current
timer value will be captured into the
capture register. The capture value can be
read
from
the
registers
T2CAPHPH:T2CAPLPL. The value of the
overflow count is also captured (see
section 13.4.1.7) at the time of the capture
event and can be read from the registers
T2PEROF2:T2PEROF1:T2PEROF0.
13.4.1.7 Overflow count
At each timer overflow, the 20-bit overflow
counter is incremented by 1. The overflow
counter value is read through the SFR
registers T2OF2:T2OF1:T2OF0. Note that
the register contents in T2OF2:T2OF1 is
latched when T2OF0 is read, meaning
that T2OF0 must always be read first.
Overflow count update
The overflow count value may be updated
by
writing
to
the
registers
T2OF2:T2OF1:T2OF0 when the timer is
IDLE.
Overflow count increment selection
The increment value for the overflow
counter can be set once by writing to the
T2OF2:T2OF1:T2OF0 registers when the
timer is in the RUN state. The value
written to these registers will be added to
the normal increment of 1 at the time of
the next overflow count increment i.e. at
the next timer overflow. The overflow
count increment will return to 1 at the
following increment.
13.4.1.8 Overflow count compare
A compare value may be set for the
overflow counter. The compare value is
set
by
writing
to
T2PEROF2:T2PEROF1:T2PEROF0.
When the overflow count value is equal or
greater than the set compare value an
overflow compare event occurs. If the
overflow compare interrupt mask bit
T2PEROF2.OFCMPIM is 1, an interrupt
request is generated. The interrupt flag bit
T2CNF.OFCMPIF is set to 1 regardless of
the interrupt mask value.
13.4.2 Interrupts
The Timer has three individually maskable
interrupt sources. These are the following:
Timer overflow
Timer compare
Overflow count compare
The interrupt flags are given in the T2CNF
registers. The interrupt flag bits are set
only by hardware and may be cleared only
by writing to the SFR register.
Each interrupt source may be masked by
the mask bits in the T2PEROF2 register.
An interrupt is generated when the
corresponding mask bit is set, otherwise
the interrupt will not be generated. The
interrupt
flag
bit
is
set,
however
disregarding the state of the interrupt
mask bit.
13.4.3 DMA Triggers
Timer 2 can generate two DMA triggers –
T2_COMP and T2_OVFL which are
activated as follows:
T2_COMP: Timer 2 compare event
T2_OVFL: Timer 2 overflow event
13.4.4 Timer start/stop synchronization
This section describes the synchronized
timer start and stop.
13.4.4.1 General
The Timer can be started and stopped
synchronously with the 32.768 kHz clock
rising edge. Note this event is derived from
a 32.768 kHz clock signal, but is
synchronous with the 32 MHz system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com