Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 129 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 129 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 125Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 126Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 127Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 128Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 129Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 130Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 131Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 132Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 129 of 232
13.7.2.5 ADC Conversion Results
The
digital
conversion
result
is
represented in two's complement form. For
13-bit resolution the digital conversion
result is 8191 when the analog input is
equal to the VREF, and the conversion
result is -8192 when the analog input is
equal to –VREF, where VREF is the
selected positive voltage reference.
The digital conversion result is available
when ADCCON1.EOC is set to 1, in ADCH
and ADCL.
When the ADCCON2.SCH bits are read,
they will indicate which channel the
conversion result in ADCL and ADCH apply
to.
13.7.2.6 ADC Reference Voltage
The positive reference voltage for analog-
to-digital conversions is selectable as
either an internally generated 1.25V
voltage, the AVDD_SOC pin, the external
voltage applied to the AIN7 input pin or the
differential voltage applied to the AIN6-
AIN7 inputs.
It is possible to select the reference
voltage as the input to the ADC in order to
perform a conversion of the reference
voltage e.g. for calibration purposes.
Similarly, it is possible to select the ground
terminal GND as an input.
13.7.2.7 ADC Conversion Timing
The ADC runs on the 32 MHz system
clock, which is divided by 8 to give a 4
MHz
clock.
Both
the
delta
sigma
modulator and decimation filter use the 4
MHz clock for their calculations.
The time required to perform a conversion
depends on the selected decimation rate.
When the decimation rate is set to for
instance 128, the decimation filter uses
exactly 128 of the 4 MHz clock periods to
calculate the result. When a conversion is
started, the input multiplexer is allowed 16
4 MHz clock cycles to settle in case the
channel has been changed since the
previous conversion. The 16 clock cycles
settling time applies to all decimation
rates. Thus in general, the conversion time
is given by:
Tconv = (decimation rate + 16) x 0.25 µs.
13.7.2.8 ADC Interrupts
The ADC will generate an interrupt when
an extra conversion has completed. An
interrupt
is
not
generated
when
a
conversion
from
the
sequence
is
completed.
13.7.2.9 ADC DMA Triggers
The ADC will generate a DMA trigger
every
time
a
conversion
from
the
sequence has completed. When an extra
conversion completes, no DMA trigger is
generated.
There is one DMA trigger for each of the
eight channels defined by the first eight
possible settings for ADCCON2.SCH . The
DMA trigger is active when a new sample
is ready from the conversion for the
channel. The DMA triggers are named
ADC_CHx in Table 37 on page 92.
In addition there is one DMA trigger,
ADC_CHALL, which is active when new
data is ready from any of the channels in
the ADC conversion sequence.
13.7.2.10 ADC Registers
This section describes the ADC registers.
ADCL (0xBA) – ADC Data Low
Bit
Name
Reset
R/W
Description
7:2
ADC[5:0]
0x00
R
Least significant part of ADC conversion result.
1:0
-
00
R0
Not used. Always read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com