Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 176 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 176 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 176 of 232
r0
r1
r2
r3
r4
r5
r6
r7
r8
r9
r10
r11
r12
r13
r14
r15
Data
input
(LSB
first)
Figure 48:
CC2430 Frame Check Sequence (FCS) hardware implementation [1]
MPDU
Length byte
n
MPDU
1
MPDU
2
MPDU
n-2
RSSI
(signed)
CRC / Corr
7
6
5
4
3
2
1
0
Bit number
CRC
OK
Correlation value (unsigned)
Data in RXFIFO
Figure 49: Data in RXFIFO when MDMCTRL0L.AUTOCRC is set
14.17 RF Data Buffering
CC2430 can be configured for different
transmit and receive modes, as set in the
MDMCTRL1L.TX_MODE
and
MDMCTRL1L.RX_MODE
control
bits.
Buffered mode (mode 0) will be used for
normal operation of
CC2430, while other
modes are available for test purposes.
14.17.1 Buffered transmit mode
In buffered transmit mode (TX_MODE 0),
the 128 byte TXFIFO, located in
CC2430
RAM, is used to buffer data before
transmission. A synchronization header is
automatically inserted before the length
field during transmission. The length field
must always be the first byte written to the
transmit buffer for all frames.
Writing one or multiple bytes to the
TXFIFO is described in the FIFO access
section on page 169. A DMA transfer can
be configured to write transmit data to the
TXFIFO.
Transmission is enabled by issuing a
STXON or STXONCCA command strobe.
See the Radio control state machine
section on page 179 for an illustration of
how the transmit command strobes affect
the state of
CC2430. The STXONCCA strobe
is ignored if the channel is busy. See
section 14.25 on page 182 for details on
CCA.
The preamble sequence is started 12
symbol
periods
after
the
transmit
command strobe. After the programmable
start
of
frame
delimiter
has
been
transmitted, data is fetched from the
TXFIFO.
The TXFIFO can only contain one data
frame at a given time.
After complete transmission of a data
frame, the TXFIFO is automatically refilled
with the last transmitted frame. Issuing a
new STXON or STXONCCA command
strobe will then cause
CC2430 to retransmit
the last frame.
Writing to the TXFIFO after a frame has
been transmitted will cause the TXFIFO to
be automatically flushed before the new
byte is written. The only exception is if a
TXFIFO underflow has occurred, when a
SFLUSHTX command strobe is required.
14.17.2 Buffered receive mode
In buffered receive mode (RX_MODE 0),
the 128 byte RXFIFO, located in
CC2430
RAM, is used to buffer data received by
the demodulator. Accessing data in the
RXFIFO is described in the FIFO access
section on page 169.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com