Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 230 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 230 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 227Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 228Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 229Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 230Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 231Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 232Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 233Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 234Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 230 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 230 of 232
programmable flash memory, System-on-chip RF transceiver,
Including licence fee.
CC2430DK
CC2430DK
CC2430 ZigBee DK Development kit.
1
CC2430ZDK Pro
CC2430ZDK Pro
CC2430 ZigBee DK Development kit including support and
training
1
MOQ = Minimum Order Quantity
T&R = tape and reel
Table 106: Ordering Information
21 General Information
21.1 Document History
Revision
Date
Description/Changes
1.03
Updated ADC characteristics (Table 14).
Updated DMAREQ, DMAARM and changed section 13.2 first paragraph, section 13.2.4
and Figure 17
Registers UxBUF renamed as UxDBUF.
EAL renamed as EA.
Added code protection and encryption disclaimers.
Clarified flash write description
Updated DC characteristics (Table 20)
Added information about clearing PxIFG in section 13.1.2
Removed T2CON
Updated Table 45
Changed formatting of Table 25
STXCALN/ISTXCALN are intended for test only
Modified Figure 37
Updated MDMCTRL0L.PREAMBLE_LENGTH
Clarified use of ADC conversions triggered by ADCCON3
Clarified RNDL/RNDH descriptions, renamed Random Generator to Random Number
Generator
Expanded description and changed reset value for SLEEP.OSC_PD
Corrected P0/P1/P2 reset values
Changed reference to SXOSCON to CLKCON
Changed RFSTATUS.SFD description
Corrected references to Figure 42 and Figure 43
Corrected descriptions in FSMTCH/FSMTCL
Corrected numbers in Table 32
Various clarifications in Timers, ADC and Power Management
Changed typical start-up time for 32 MHz crystal oscillator
Corrected T1CCTL1.CMP and T1CCTL2.CMP
Updated address information
Changed Random Number Generator seeding; modified ADCCON1.RCTRL and
section 13.8.2.2
Changed descriptions for T2PEROF2, T2PEROF1 and T2PEROF0
Changed Figure 15 and section 12.3.2; unified CODE space uses memory banking
Added CLKCON.CLKSPD bit, and altered descriptions in CLKCON
Corrected RSSIL description
Updated ordering information
Added SSN description section 13.13.3 and updated Table 16 and Figure 2
Preliminary status updated
1.02
2005-10-03
Added ADC external trigger (section 13.1.5 and 13.7.2). Updated sensitivity. Corrected
Application circuit
1.01
2005-09-15
Updated Table 103, Units per reel
1.0
2005-09-12
First release, preliminary
Table 107: Document History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com