Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 47 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 43Page - STMicroelectronics LPS22CH Datasheet HTML 44Page - STMicroelectronics LPS22CH Datasheet HTML 45Page - STMicroelectronics LPS22CH Datasheet HTML 46Page - STMicroelectronics LPS22CH Datasheet HTML 47Page - STMicroelectronics LPS22CH Datasheet HTML 48Page - STMicroelectronics LPS22CH Datasheet HTML 49Page - STMicroelectronics LPS22CH Datasheet HTML 50Page - STMicroelectronics LPS22CH Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
DocID033100 Rev 2
47/55
LPS22CH
Register description
55
9.16
FIFO_STATUS1 (25h)
FIFO status register (read only)
9.17
FIFO_STATUS2 (26h)
FIFO status register (read only)
9.18
STATUS (27h)
Status register (read only)
This register is updated every ODR cycle.
76543210
FSS7
FSS6
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FSS[7:0]
FIFO stored data level, number of unread samples stored in FIFO.
(00000000: FIFO empty; 10000000: FIFO full, 128 unread samples)
7
6
5
4
3210
FIFO_WTM_IA FIFO_OVR_IA FIFO_FULL_IA
-
----
FIFO_WTM_IA
FIFO threshold (watermark) status. Default value: 0
(0: FIFO filling is lower than treshold level;
1: FIFO filling is equal or higher than treshold level).
FIFO_OVR_IA
FIFO overrun status. Default value: 0
(0: FIFO is not completely full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
FIFO_FULL_IA
FIFO full status. Default value: 0
(0: FIFO is not completely filled;
1: FIFO is completely filled, no samples overwritten)
76543210
--
--
T_OR
P_OR
--
--
T_DA
P_DA
T_OR
Temperature data overrun.
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous data)
P_OR
Pressure data overrun.
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous data)
T_DA
Temperature data available.
(0: new data for temperature is not yet available;
1: a new temperature data is generated)
P_DA
Pressure data available.
(0: new data for pressure is not yet available;
1: a new pressure data is generated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com