Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 29Page - STMicroelectronics LPS22CH Datasheet HTML 30Page - STMicroelectronics LPS22CH Datasheet HTML 31Page - STMicroelectronics LPS22CH Datasheet HTML 32Page - STMicroelectronics LPS22CH Datasheet HTML 33Page - STMicroelectronics LPS22CH Datasheet HTML 34Page - STMicroelectronics LPS22CH Datasheet HTML 35Page - STMicroelectronics LPS22CH Datasheet HTML 36Page - STMicroelectronics LPS22CH Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
DocID033100 Rev 2
33/55
LPS22CH
Register mapping
55
8
Register mapping
Table 16 provides a quick overview of the 8-bit registers embedded in the device.
Table 16. Registers address map
Name
Type
Register address
Default
Function and comment
Hex
Binary
Reserved
00 – 0A
-
Reserved
INTERRUPT_CFG
R/W
0B
00000000 Interrupt register
THS_P_L
R/W
0C
00000000
Pressure threshold registers
THS_P_H
R/W
0D
00000000
IF_CTRL
R/W
0E
00000000 Interface control register
WHO_AM_I
R
0F
10110011 Who am I
CTRL_REG1
R/W
10
00000000
Control registers
CTRL_REG2
R/W
11
00010000
CTRL_REG3
R/W
12
00000000
FIFO_CTRL
R/W
13
00000000 FIFO configuration register
FIFO_WTM
R/W
14
00000000
REF_P_L
R
15
00000000
Reference pressure registers
REF_P_H
R
16
00000000
Reserved
17
-
Reserved
RPDS_L
R/W
18
00000000
Pressure offset registers
RPDS_H
R/W
19
00000000
Reserved
1A-23
-
Reserved
INT_SOURCE
R
24
Output
Interrupt register
FIFO_STATUS1
R
25
Output
FIFO status registers
FIFO_STATUS2
R
26
Output
STATUS
R
27
Output
Status register
PRESSURE_OUT_XL
R
28
Output
Pressure output registers
PRESSURE_OUT_L
R
29
Output
PRESSURE_OUT_H
R
2A
Output
TEMP_OUT_L
R
2B
Output
Temperature output registers
TEMP_OUT_H
R
2C
Output
Reserved
2D - 77
-
Reserved
FIFO_DATA_OUT_PRESS_XL
R
78
Output
FIFO pressure output registers
FIFO_DATA_OUT_PRESS_L
R
79
Output
FIFO_DATA_OUT_PRESS_H
R
7A
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com