Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 32Page - STMicroelectronics LPS22CH Datasheet HTML 33Page - STMicroelectronics LPS22CH Datasheet HTML 34Page - STMicroelectronics LPS22CH Datasheet HTML 35Page - STMicroelectronics LPS22CH Datasheet HTML 36Page - STMicroelectronics LPS22CH Datasheet HTML 37Page - STMicroelectronics LPS22CH Datasheet HTML 38Page - STMicroelectronics LPS22CH Datasheet HTML 39Page - STMicroelectronics LPS22CH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Register description
LPS22CH
36/55
DocID033100 Rev 2
Figure 22. “Threshold-based” interrupt event
To enable the AUTOZERO mode, the AUTOZERO bit must be set to '1' and then the
measured pressure value is used as the reference and stored in the register REF_P
(REF_P_L (15h), REF_P_H (16h)). From this point on, the output pressure value
(PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) is updated with
the difference between the measured pressure and REF_P.
–
P_DIFF_IN = measured pressure - REF_P
–
PRESS_OUT = measured pressure - REF_P
After the first conversion, the AUTOZERO bit is automatically set back to '0'. In order to
return back to normal mode, the RESET_AZ bit in the INTERRUPT_CFG (0Bh) register has
to be set to '1'. This also resets the content of the REF_P registers to 0.
AUTOREFP mode allows using the pressure differential for the generation of the interrupt
keeping the output pressure registers PRESS_OUT (PRESS_OUT_XL (28h),
PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) without comparing REF_P. If the
AUTOREFP bit is set to '1', the measured output pressure is used as the reference in the
register REF_P (REF_P_L (15h), REF_P_H (16h)) for interrupt generation with following:
–
P_DIFF_IN = measured pressure - REF_P
The output registers PRESS_OUT (28h, 29h and 2Ah) are not changed by REF_P and
shows as follows.
–
PRESS_OUT = measured pressure
After the first conversion, the AUTOREFP bit is automatically set to '0'. In order to return
back to normal mode, the RESET_ARP bit has to be set to '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com