Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 15 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 11Page - STMicroelectronics LPS22CH Datasheet HTML 12Page - STMicroelectronics LPS22CH Datasheet HTML 13Page - STMicroelectronics LPS22CH Datasheet HTML 14Page - STMicroelectronics LPS22CH Datasheet HTML 15Page - STMicroelectronics LPS22CH Datasheet HTML 16Page - STMicroelectronics LPS22CH Datasheet HTML 17Page - STMicroelectronics LPS22CH Datasheet HTML 18Page - STMicroelectronics LPS22CH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
DocID033100 Rev 2
15/55
LPS22CH
Functionality
55
4.4
Interpreting pressure readings
The pressure data are stored in 3 registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h),
and PRESS_OUT_XL (28h). The value is expressed as a 24-bit signed number (in 2’s
complement).
To obtain the pressure in hPa, take the complete 24-bit word and then divide by the
sensitivity 4096 LSB/hPa. This same interpretation is applied to pressure readings when
FIFO is enabled and the pressure data are stored in 3 registers:
FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h), and
FIFO_DATA_OUT_PRESS_H (7Ah).
Figure 6. Pressure readings
Equation 1
Equation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com