Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 35Page - STMicroelectronics LPS22CH Datasheet HTML 36Page - STMicroelectronics LPS22CH Datasheet HTML 37Page - STMicroelectronics LPS22CH Datasheet HTML 38Page - STMicroelectronics LPS22CH Datasheet HTML 39Page - STMicroelectronics LPS22CH Datasheet HTML 40Page - STMicroelectronics LPS22CH Datasheet HTML 41Page - STMicroelectronics LPS22CH Datasheet HTML 42Page - STMicroelectronics LPS22CH Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
DocID033100 Rev 2
39/55
LPS22CH
Register description
55
9.6
CTRL_REG1 (10h)
Control register 1 (R/W)
When the ODR bits are set to '000', the device is in Power-down mode. When the device is
in power-down mode, almost all internal blocks of the device are switched off to minimize
power consumption. The I²C interface is still active to allow communication with the device.
The content of the configuration registers is preserved and output data registers are not
updated, therefore keeping the last data sampled in memory before going into power-down
mode.
If the ONE_SHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a
new acquisition starts when it is required. Enabling this mode is possible only if the device
was previously in power-down mode (ODR bits set to '000'). Once the acquisition is
completed and the output registers updated, the device automatically enters in power-down
mode. ONE_SHOT bit self-clears itself.
76543210
0
ODR2
ODR1
ODR0
EN_LPFP
LPFP_CFG
BDU
SIM
ODR[2:0]
Output data rate selection. Default value: 000
Refer to Table 17.
EN_LPFP
Enable low-pass filter on pressure data when Continuous mode is used.
Default value: 0
(0: Low-pass filter disabled; 1: Low-pass filter enabled)
LPFP_CFG LPFP_CFG: Low-pass configuration register. Default value: 0
Refer to Table 18.
BDU(1)
1. To guarantee the correct behavior of BDU feature, PRESS_OUT_H (2Ah) must be the last address read.
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 17. Output data rate bit configurations
ODR[2:0]
Temperature, Pressure
000
One-shot
001
1 Hz
010
10 Hz
011
25 Hz
100
50 Hz
101
75 Hz
110(1)
1. This option disables the low-noise mode automatically.
100 Hz
111(1)
200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com