Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 19Page - STMicroelectronics LPS22CH Datasheet HTML 20Page - STMicroelectronics LPS22CH Datasheet HTML 21Page - STMicroelectronics LPS22CH Datasheet HTML 22Page - STMicroelectronics LPS22CH Datasheet HTML 23Page - STMicroelectronics LPS22CH Datasheet HTML 24Page - STMicroelectronics LPS22CH Datasheet HTML 25Page - STMicroelectronics LPS22CH Datasheet HTML 26Page - STMicroelectronics LPS22CH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
DocID033100 Rev 2
23/55
LPS22CH
FIFO
55
5.6
Continuous (Dynamic-Stream)-to-FIFO mode
In Continuous (Dynamic-Stream)-to-FIFO mode (FIFO_CTRL (13h)(TRIG_MODES and
F_MODE[1:0] = ‘111’), data are stored in FIFO and FIFO operates in Continuous (Dynamic-
Stream) mode behavior until it switches to FIFO mode behavior when INT_SOURCE
(24h)(IA) rises to '1'.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG
(0Bh).
Figure 13. Continuous (Dynamic-Stream)-to-FIFO mode
5.7
Retrieving data from FIFO
FIFO data is read through FIFO_DATA_OUT_PRESS (78h, 79h and 7Ah) and
FIFO_DATA_OUT_TEMP (7Bh, 7Ch).
The read address is automatically updated by the device and it rolls back to 78h when
register 7Ch is reached. In order to read all FIFO levels in a multiple byte read, 640 bytes
(5 output registers by 128 levels) must be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com