Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 42 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 38Page - STMicroelectronics LPS22CH Datasheet HTML 39Page - STMicroelectronics LPS22CH Datasheet HTML 40Page - STMicroelectronics LPS22CH Datasheet HTML 41Page - STMicroelectronics LPS22CH Datasheet HTML 42Page - STMicroelectronics LPS22CH Datasheet HTML 43Page - STMicroelectronics LPS22CH Datasheet HTML 44Page - STMicroelectronics LPS22CH Datasheet HTML 45Page - STMicroelectronics LPS22CH Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Register description
LPS22CH
42/55
DocID033100 Rev 2
LOW_NOISE_EN is disabled by default and must be changed when the device is in power-
down mode. It enables low-noise mode but can be used when the ODR is lower than
100 Hz. If ODR = 100 Hz or ODR = 200 Hz, this option is automatically switched off and the
value of the low-noise enable bit is ignored.
LOW_NOISE_EN mode is enabled to have less RMS noise and the best performance is
achieved with LOW_NOISE_EN set to 1 and filter at ODR/20. Depending on the application,
the LOW_NOISE_EN bit can be enabled (low-noise mode) or disabled (low-current mode)
to have less RMS noise or less power consumption (refer to the following table).
The ONE_SHOT bit is used to start a new conversion when the ODR[2:0] bits in
CTRL_REG1 (10h) are set to '000'. Writing a '1' in ONE_SHOT triggers a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and the
STATUS (27h) bits are updated.
Table 19. RMS noise and power consumption
Mode
Additional low-pass
filter status
Device bandwidth RMS noise [Pa]
Supply current
@ ODR = 1 Hz [μA]
Low noise
Disabled
2
12
Enabled
ODR/9
1.1
12
Enabled
ODR/20
0.75
12
Low current
Disabled
4.9
4
Enabled
ODR/9
2.9
4
Enabled
ODR/20
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com