Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 31Page - STMicroelectronics LPS22CH Datasheet HTML 32Page - STMicroelectronics LPS22CH Datasheet HTML 33Page - STMicroelectronics LPS22CH Datasheet HTML 34Page - STMicroelectronics LPS22CH Datasheet HTML 35Page - STMicroelectronics LPS22CH Datasheet HTML 36Page - STMicroelectronics LPS22CH Datasheet HTML 37Page - STMicroelectronics LPS22CH Datasheet HTML 38Page - STMicroelectronics LPS22CH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
DocID033100 Rev 2
35/55
LPS22CH
Register description
55
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
9.1
INTERRUPT_CFG (0Bh)
Interrupt mode for pressure acquisition configuration (R/W)
Referring to Figure 22: “Threshold-based” interrupt event, the LPS22CH can be set by the
user to support the interrupt function when P_DIFF_IN (defined below) is higher or lower
than the threshold value stored in THS_P_L (0Ch) and THS_P_H (0Dh).
It is enabled when the DIFF_EN bit in INTERRUPT_CFG (0Bh) register is set to '1' and
either PHE bit or PLE bit (or both bits) = '1'. Then, the differential pressure can be compared
to a user-defined threshold stored in the 15-bit THS_P (0Ch and 0Dh) registers.
The threshold pressure value defined by the user is a 15-bit unsigned value in a 16-bit
register composed of THS_P_L (0Ch) and THS_P_H (0Dh) The value is:
THS_P (15-bit unsigned) = Desired Interrupt threshold (hPa) x 16
The PHE and PLE bits in INTERRUPT_CFG (0Bh) enable the differential pressure interrupt
generation on the positive or negative event respectively.
The differential interrupt must be used with AUTOREFP or AUTOZERO mode. Please refer
to the application note (AN5209: Section 8. Interrupt modes) for further details.
76543210
AUTOREFP
RESET_ARP
AUTOZERO
RESET_AZ
DIFF_EN
LIR
PLE
PHE
AUTOREFP
Enable AUTOREFP function. Default value: 0
(0: normal mode; 1: AUTOREFP enabled)
RESET_ARP Reset AUTOREFP function. Default value: 0
(0: normal mode; 1: reset AUTOREFP function)
AUTOZERO
Enable AUTOZERO function. Default value: 0
(0: normal mode; 1: AUTOZERO enabled)
RESET_AZ
Reset AUTOZERO function. Default value: 0
(0: normal mode; 1: reset AUTOZERO function)
DIFF_EN
Enable interrupt generation. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
LIR
Latch interrupt request to the INT_SOURCE (24h) register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
PLE
Enable interrupt generation on pressure low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value lower than preset threshold)
PHE
Enable interrupt generation on pressure high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value higher than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com