Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 20 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 16Page - STMicroelectronics LPS22CH Datasheet HTML 17Page - STMicroelectronics LPS22CH Datasheet HTML 18Page - STMicroelectronics LPS22CH Datasheet HTML 19Page - STMicroelectronics LPS22CH Datasheet HTML 20Page - STMicroelectronics LPS22CH Datasheet HTML 21Page - STMicroelectronics LPS22CH Datasheet HTML 22Page - STMicroelectronics LPS22CH Datasheet HTML 23Page - STMicroelectronics LPS22CH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
FIFO
LPS22CH
20/55
DocID033100 Rev 2
5.3
Continuous (Dynamic-Stream) mode
In Continuous (Dynamic-Stream) mode (FIFO_CTRL (13h)(TRIG_MODES and
F_MODE[1:0] = ‘011’) after emptying the FIFO, the first new sample that arrives becomes
the first to be read in a subsequent read burst. In this way, the number of new data available
in FIFO does not depend on the previous read.
In Continuous (Dynamic-Stream) mode FIFO_STATUS1 (25h)(FSS[7:0]) is the number of
new pressure and temperature samples available in the FIFO buffer.
Continuous (Dynamic-Stream) is intended to be used to read FIFO_STATUS1
(25h)(FSS[7:0]) samples when it is not possible to guarantee reading data within 1/ODR
time period.
Also, a FIFO threshold interrupt on the INT_DRDY pad through CTRL_REG3
(12h)(INT_F_WTM) can be enabled in order to read data from the FIFO and leave free
memory slots for incoming data.
Figure 10. Continuous (Dynamic-Stream) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com