Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 12 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 8Page - STMicroelectronics LPS22CH Datasheet HTML 9Page - STMicroelectronics LPS22CH Datasheet HTML 10Page - STMicroelectronics LPS22CH Datasheet HTML 11Page - STMicroelectronics LPS22CH Datasheet HTML 12Page - STMicroelectronics LPS22CH Datasheet HTML 13Page - STMicroelectronics LPS22CH Datasheet HTML 14Page - STMicroelectronics LPS22CH Datasheet HTML 15Page - STMicroelectronics LPS22CH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Mechanical and electrical specifications
LPS22CH
12/55
DocID033100 Rev 2
3.3.2
I²C - inter-IC control interface
Subject to general operating conditions for Vdd and TOP.
Figure 5. I²C slave timing diagram
Note:
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
Table 7. I²C slave timing values
Symbol
Parameter (1)
I²C standard mode(1)
I²C fast mode(1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL)
SCL clock low time
4.7
1.3
μs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0
3.45
0
0.9
μs
th(ST)
START condition hold time
4
0.6
μs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1. Data based on standard I²C protocol requirement, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com