Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 21 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 17Page - STMicroelectronics LPS22CH Datasheet HTML 18Page - STMicroelectronics LPS22CH Datasheet HTML 19Page - STMicroelectronics LPS22CH Datasheet HTML 20Page - STMicroelectronics LPS22CH Datasheet HTML 21Page - STMicroelectronics LPS22CH Datasheet HTML 22Page - STMicroelectronics LPS22CH Datasheet HTML 23Page - STMicroelectronics LPS22CH Datasheet HTML 24Page - STMicroelectronics LPS22CH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
DocID033100 Rev 2
21/55
LPS22CH
FIFO
55
5.4
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL (13h)(TRIG_MODES and F_MODE[1:0] = ‘101’),
FIFO behavior switches when the INT_SOURCE (24h)(IA) bit rises for the first time. When
the INT_SOURCE (24h)(IA) bit is equal to '0', FIFO behaves like in Bypass mode. Once the
INT_SOURCE (24h)(IA) bit rises to '1', FIFO behavior switches and keeps behaving like in
FIFO mode.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG
(0Bh).
Figure 11. Bypass-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com