Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 13 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 9Page - STMicroelectronics LPS22CH Datasheet HTML 10Page - STMicroelectronics LPS22CH Datasheet HTML 11Page - STMicroelectronics LPS22CH Datasheet HTML 12Page - STMicroelectronics LPS22CH Datasheet HTML 13Page - STMicroelectronics LPS22CH Datasheet HTML 14Page - STMicroelectronics LPS22CH Datasheet HTML 15Page - STMicroelectronics LPS22CH Datasheet HTML 16Page - STMicroelectronics LPS22CH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
DocID033100 Rev 2
13/55
LPS22CH
Mechanical and electrical specifications
55
3.4
Absolute maximum ratings
Stress above those listed as “Absolute maximum ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 8. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin
-0.3 to Vdd_IO +0.3
V
P
Overpressure
2
MPa
T
STG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2.5 (HBM)
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com