Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS22CH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 20Page - STMicroelectronics LPS22CH Datasheet HTML 21Page - STMicroelectronics LPS22CH Datasheet HTML 22Page - STMicroelectronics LPS22CH Datasheet HTML 23Page - STMicroelectronics LPS22CH Datasheet HTML 24Page - STMicroelectronics LPS22CH Datasheet HTML 25Page - STMicroelectronics LPS22CH Datasheet HTML 26Page - STMicroelectronics LPS22CH Datasheet HTML 27Page - STMicroelectronics LPS22CH Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Application hints
LPS22CH
24/55
DocID033100 Rev 2
6
Application hints
Figure 14. LPS22CH electrical connections (top view)
The device power supply must be provided through the VDD line; a power supply
decoupling capacitor C1 (100 nF) must be placed as near as possible to the supply pads of
the device. The C1 capacitor can be tied to VDD and VDDIO, but it is recommended to use
2 capacitors, one on each VDD and VDDIO line, in case VDD are VDDIO are separate.
Depending on the application, an additional capacitor of 4.7 μF could be placed on the VDD
line.
The functionality of the device and the measured data outputs are selectable and accessible
through the I²C, SPI interface. When using the I²C, CS must be tied to Vdd_IO.
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 14). It is possible to remove VDD while maintaining
Vdd_IO without blocking the communication bus, in this condition the measurement chain is
powered off.
Note:
To guarantee proper power-off of the device, it is recommended to maintain the duration of
the VDD line to GND for at least 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com