Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 43Page - STMicroelectronics L9788TR Datasheet HTML 44Page - STMicroelectronics L9788TR Datasheet HTML 45Page - STMicroelectronics L9788TR Datasheet HTML 46Page - STMicroelectronics L9788TR Datasheet HTML 47Page - STMicroelectronics L9788TR Datasheet HTML 48Page - STMicroelectronics L9788TR Datasheet HTML 49Page - STMicroelectronics L9788TR Datasheet HTML 50Page - STMicroelectronics L9788TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 264 page
background image
DS12308 Rev 4
47/264
L9788
Watchdog
263
4
Watchdog
4.1
Basic feature
L9788 has an internal query and answer (Q&A) watchdog with the aim of monitoring the
correctness of microcontroller activity. Via MSC bus a WDA “question” shall be read from a
MSC-WDA register. A correct response shall then be written back via MSC in a well defined
timing. If response or timing is not correct, then the WDA error counter EC (or ERR_CNT) is
increased. If the error counter is increased to values greater than 4, some output functions
are shut off. If the error counter reaches values greater than 7 (overflow), then a RST reset
may be generated if this is previously configured via MSC.
The first sequence of questions and responses starts from VDD5 higher than the UV
threshold.
Other way round, with a RST event also the WDA output pin goes to low.
Note that after startup, reset or an RST_CNT overflow the initial value of the error counter is
6.
If WDA resets are enabled via MSC (WDA_INIT CONFIG-REG 9_1 D3): the number of RST
events generated by an error counter overflow is limited by the reset counter RST_CNT. If
RST_CNT reaches the value of 7, then RST resets via WDA are no longer generated.
With each error counter overflow, the PWR_CNT counter is increased. If it reaches a value
greater than 7, then the power latch mode is terminated.
Watchdog legenda:
ERR_CNT, EC
error 3-bit counter;
RST_CNT
reset 3-bit counter;
WDA_RST
internal reset generated by Watchdog;
PWR_CNT
power off 3-bit counter;
PWR_INT
internal signal indicating PWR_CNT overflow;
WDA
WDA open drain pin (low active);
WDA_INT
WDA internal signal, when high it drives WDA = low, when low it sets
WDA= Hi-z;
Sequencer-run
current state of WDA when it is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com