Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 45Page - STMicroelectronics L9788TR Datasheet HTML 46Page - STMicroelectronics L9788TR Datasheet HTML 47Page - STMicroelectronics L9788TR Datasheet HTML 48Page - STMicroelectronics L9788TR Datasheet HTML 49Page - STMicroelectronics L9788TR Datasheet HTML 50Page - STMicroelectronics L9788TR Datasheet HTML 51Page - STMicroelectronics L9788TR Datasheet HTML 52Page - STMicroelectronics L9788TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 264 page
background image
DS12308 Rev 4
49/264
L9788
Watchdog
263
Figure 18. WDA state flow
Each time the watchdog error counter is EC > 7 counter PWR_CNT counter increases.
When this counter is PWR_CNT=7 and a further error occurs, the power-latch will be
terminated if KEY_IN is low. The PWR_CNT-counter is not cleared when EC <7.
PWR_CNT-counter is cleared when EC < 5 or by RST_UV.
The monitoring module works independently of the controller functionality. The monitoring
module generates various questions, which the controller must fetch and correctly respond
to within a defined time window. The monitoring module checks whether the response is
returned in a time window and if the response is fully correct.
The question is a 4-bit word. This 4-bit word can be fetched by the controller using a read
access to register WDA REQULO. The monitoring module also calculates the expected
correct response, which is compared to the actual response from the controller.
The response is a 32-bit word consisting of the 4 bytes RESP_BYTE3, RESP_BYTE2,
RESP_BYTE1 and RESP_BYTE0. The 4 bytes are sent to the monitoring module via MSC
in the order RESP_BYTE3 - RESP_BYTE2 - RESP_BYTE1 - RESP_BYTE0 using four
times the command WDA_RESP - once for each answer byte.
The monitoring cycle phase is initialized by (the end of) writing of RESP_BYTE0 (least
significant response byte) or by a write access to the RESPTIME register. The cycle starts
with a variable wait time (response time, set by register RESPTIME), followed by a fixed
time window. When a monitoring cycle ends (the end of the fixed time window has been
reached) a new monitoring cycle is started automatically.
A correct response within the time window (at a response time > 0 ms) decreases an
ERROR COUNTER by one. An incorrect response, a response outside the time window or
response time = 0 ms leads to the incrementing of the ERROR COUNTER by one.
Power
Down
Safety loads = disabled
WDA pin = Low
Power On and Reset release
Configure WDA Time Window and
Request first Query
Write Answer
Answer0
Answer1
Right
Answer ?
Decrement ERR_CNT
yes
ERR_CNT < 5
Safety Loads = Enabled
WDA pin = High
RST_CNT = 0
yes
WDA Sequencer starts
WDA Time Reference
no
no
yes
Increment RST_CNT
no
ERR_CNT > 7
KEY OFF?
no
yes
RST_CNT = 0
PWR_CNT = 0
yes
Generate Reset
Drive RST pin to Low
PWR_CNT > 7
Increment ERR_CNT
no
Increment PWR_CNT (max 7)
yes
INIT_WDR=1 ?
yes
no
Generate next Query
no
GADG2511161203PS
RST_CNT =7
(Typ 64 kHz +/-5%)
ERR_CNT = 6
PWR_CNT = 0
Request for Query



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com