Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 68Page - STMicroelectronics L9788TR Datasheet HTML 69Page - STMicroelectronics L9788TR Datasheet HTML 70Page - STMicroelectronics L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics L9788TR Datasheet HTML 75Page - STMicroelectronics L9788TR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 264 page
background image
Multi-voltage regulator supplies
L9788
72/264
DS12308 Rev 4
6.3
Tracking regulator for sensors supply
There are three 5V tracking regulators with self protection from over-current, over-voltage
and short to battery. STB/OVC/OV don't disable tracking, but set a flag readable by MSC.
Those three tracking regulators track VDD5_in voltage with 150mA output. There is one
thermal sensor, shared between the three tracking regulators, to provide the thermal shut
down protection for those three tracking sensor supplies. The switching off of one internal
tracking occurs if that tracking is also in OVC.
Once the thermal shut down has happened, the tracking sensor in over-current condition
will be off until temperature decreases to thermal shut down threshold low. Those three
tracking regulators can be singularly disabled by dedicated MSC bit (TRK_EN
CONFIG_REG7 [3:5] in CONFIG_REG 7). VB_IN_OV fault can trigger the turn OFF of
Tracking regulators, as specified into reset matrix. This effect can be masked with bit
VB_IN_OV_RST_EN in CONFIG_REG 12.
Conditions:
5.5 V < VB_IN_SW ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
Table 31. Tracking sensor supplies electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
∆VTRK
Output voltage tracking
error (including voltage
aging and static
load/line transient
regulation)(1)
Vpre = 5.6 – 18 V
1 mA<IVSENS<150 mA
VDD5
-15m
VDD5
+15m
V
VSENSE1/2/3
IMAX_VS
Output current limitation VSENS = -1 V
150
250
mA
VSENSE1/2/3
ITH_VS
Output over-current
threshold
Vpre = 5.6 – 18 V
150
Imax
_vs
mA
VSENSE1/2/3
Vline_VS
Line regulation voltage
Vpre = 5.6 – 18 V
IVSENS=50mA
Ctrk=470nF (2)
15
mV
VSENSE1/2/3
Vload_VS
Load regulation voltage
Vpre = 6 V
1 mA<IVSENS<150 mA
Ctrk = 470 nF Note(2)
15
mV
VSENSE1/2/3
Vload_tran
Transient load
regulation
Vpre = 6 V IVSENS =1 mA
to 150 mA and viceversa
dI/dt = 150 mA/µs
Ctrk = 470 nF Guaranteed
by design(3)
-15
+15
%
VSENSE1/2/3
Vline_tran
Transient line regulation
VPRE step 5.6V to 7V and
viceversa
dVPRE/dt=3V/µs IVSENS
=1mA, 150mA Ctrk=470nF
Guaranteed by design(4),
(3)
-15
+15
%
VSENSE1/2/3
Isink_VS
Short circuit reverse
current
Output shorted to
VB_IN+2V
-
-
-4
mA
VSENSE1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com